| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX6SDLCEC bảng dữ liệu(PDF) 148 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX6SDLCEC bảng dữ liệu(HTML) 148 Page - NXP Semiconductors |
|
148 / 169 page ![]() i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018 148 NXP Semiconductors Package Information and Contact Assignments EIM_BCLK N22 NVCC_EIM GPIO ALT0 EIM_BCLK Output Low EIM_CS0 H24 NVCC_EIM GPIO ALT0 EIM_CS0 Output High EIM_CS1 J23 NVCC_EIM GPIO ALT0 EIM_CS1 Output High EIM_D16 C25 NVCC_EIM GPIO ALT5 GPIO3_IO16 Input 100 k Ω pull-up EIM_D17 F21 NVCC_EIM GPIO ALT5 GPIO3_IO17 Input 100 k Ω pull-up EIM_D18 D24 NVCC_EIM GPIO ALT5 GPIO3_IO18 Input 100 k Ω pull-up EIM_D19 G21 NVCC_EIM GPIO ALT5 GPIO3_IO19 Input 100 k Ω pull-up EIM_D20 G20 NVCC_EIM GPIO ALT5 GPIO3_IO20 Input 100 k Ω pull-up EIM_D21 H20 NVCC_EIM GPIO ALT5 GPIO3_IO21 Input 100 k Ω pull-up EIM_D22 E23 NVCC_EIM GPIO ALT5 GPIO3_IO22 Input 100 k Ω pull-down EIM_D23 D25 NVCC_EIM GPIO ALT5 GPIO3_IO23 Input 100 k Ω pull-up EIM_D24 F22 NVCC_EIM GPIO ALT5 GPIO3_IO24 Input 100 k Ω pull-up EIM_D25 G22 NVCC_EIM GPIO ALT5 GPIO3_IO25 Input 100 k Ω pull-up EIM_D26 E24 NVCC_EIM GPIO ALT5 GPIO3_IO26 Input 100 k Ω pull-up EIM_D27 E25 NVCC_EIM GPIO ALT5 GPIO3_IO27 Input 100 k Ω pull-up EIM_D28 G23 NVCC_EIM GPIO ALT5 GPIO3_IO28 Input 100 k Ω pull-up EIM_D29 J19 NVCC_EIM GPIO ALT5 GPIO3_IO29 Input 100 k Ω pull-up EIM_D30 J20 NVCC_EIM GPIO ALT5 GPIO3_IO30 Input 100 k Ω pull-up EIM_D31 H21 NVCC_EIM GPIO ALT5 GPIO3_IO31 Input 100 k Ω pull-down EIM_DA0 L20 NVCC_EIM GPIO ALT0 EIM_AD00 Input 100 k Ω pull-up EIM_DA1 J25 NVCC_EIM GPIO ALT0 EIM_AD01 Input 100 k Ω pull-up EIM_DA10 M22 NVCC_EIM GPIO ALT0 EIM_AD10 Input 100 k Ω pull-up EIM_DA11 M20 NVCC_EIM GPIO ALT0 EIM_AD11 Input 100 k Ω pull-up EIM_DA12 M24 NVCC_EIM GPIO ALT0 EIM_AD12 Input 100 k Ω pull-up EIM_DA13 M23 NVCC_EIM GPIO ALT0 EIM_AD13 Input 100 k Ω pull-up EIM_DA14 N23 NVCC_EIM GPIO ALT0 EIM_AD14 Input 100 k Ω pull-up EIM_DA15 N24 NVCC_EIM GPIO ALT0 EIM_AD15 Input 100 k Ω pull-up EIM_DA2 L21 NVCC_EIM GPIO ALT0 EIM_AD02 Input 100 k Ω pull-up EIM_DA3 K24 NVCC_EIM GPIO ALT0 EIM_AD03 Input 100 k Ω pull-up EIM_DA4 L22 NVCC_EIM GPIO ALT0 EIM_AD04 Input 100 k Ω pull-up EIM_DA5 L23 NVCC_EIM GPIO ALT0 EIM_AD05 Input 100 k Ω pull-up EIM_DA6 K25 NVCC_EIM GPIO ALT0 EIM_AD06 Input 100 k Ω pull-up EIM_DA7 L25 NVCC_EIM GPIO ALT0 EIM_AD07 Input 100 k Ω pull-up EIM_DA8 L24 NVCC_EIM GPIO ALT0 EIM_AD08 Input 100 k Ω pull-up EIM_DA9 M21 NVCC_EIM GPIO ALT0 EIM_AD09 Input 100 k Ω pull-up EIM_EB0 K21 NVCC_EIM GPIO ALT0 EIM_EB0 Output High Table 97. 21 x 21 mm Functional Contact Assignments (continued) Ball Name Ball Power Group Ball Type Out of Reset Condition1 Default Mode (Reset Mode) Default Function Input/ Output Value2 |