| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD69210 bảng dữ liệu(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PD69210 bảng dữ liệu(HTML) 6 Page - Microchip Technology |
|
6 / 21 page ![]() 1.8 UART or I2C Address Selection The choice of UART or I2C interface between the host CPU is made by applying a specific voltage level to pin #13 (I2C_ADDR_MEAS) on the PD69210, or by applying a specific voltage level to pin #22 (I2C_ADDR_MEAS) on the PD69220. Additionally, the specific I2C address is also set by this voltage level. In all cases, the voltage is set via an external resistor divider as shown in the following figure. Figure 1-3. I2C Address Selection The specific Value of R to choose UART or I2C and to set the address is given in the following tables for PD69210 and PD69220. Table 1-2. I2C Address Selection I2C Address (Hexadecimal) R1- KΩ (1%) UART N.C. 0x4 147 0x8 86.6 0xC 57.6 0x10 43.2 0x14 34 0x18 26.7 0x1C 22.1 0x20 18.2 0x24 15.4 0x28 13 0x2C 11 0x30 9.31 0x34 7.87 0x38 6.49 0x3C 5.49 PD69210/PD69220 Architecture © 2020 Microchip Technology Inc. Datasheet DS00003424A-page 6 |