công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VS6624 bảng dữ liệu(PDF) 50 Page - STMicroelectronics

tên linh kiện VS6624
Giải thích chi tiết về linh kiện  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 bảng dữ liệu(HTML) 50 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 46Page - STMicroelectronics VS6624 Datasheet HTML 47Page - STMicroelectronics VS6624 Datasheet HTML 48Page - STMicroelectronics VS6624 Datasheet HTML 49Page - STMicroelectronics VS6624 Datasheet HTML 50Page - STMicroelectronics VS6624 Datasheet HTML 51Page - STMicroelectronics VS6624 Datasheet HTML 52Page - STMicroelectronics VS6624 Datasheet HTML 53Page - STMicroelectronics VS6624 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
Register map
VS6624
50/100
Rev 1
Mode setup
Pipe setup bank0
Table 12.
Mode setup
Index
ModeSetup
0x0302
bNonViewLive_ActivePipeSetupBank (Can be controlled in all stable states)
Default Value:
<0> PipeSetupbank_0
Purpose
Select the active bank for non view live mode
Type
CODED
Possible values
<0> PipeSetupbank_0
<1>PipeSetupbank_1
0x0308
SensorMode (Must be configured in STOP mode)
Default value
<0>SensorMode_SXGA
Purpose
Select the different sensor mode
Type
CODED
Possible values
<0>SensorMode_SXGA
<1>SensorMode_VGA
<2>SensorMode_VGANormal
Table 13.
Pipe setup bank0
Index
PipeSetupBank0(1)
0x0380
bImageSize0 #
Default value
<1> ImageSize_SXGA
Purpose
required output dimension.
Type
CODED
Possible values
<1> ImageSize_SXGA
<2> ImageSize_VGA
<3> ImageSize_CIF
<4> ImageSize_QVGA
<5> ImageSize_QCIF
<6> ImageSize_QQVGA
<7> ImageSize_QQCIF
<8> ImageSize_Manual - to use ManualSubSample and ManualCrop
controls select Manual mode.
0x0383(MSB)
0x0384(LSB)
uwManualHSize0 #
Default value
0x00
Purpose
if ImageSize_Manual selected, input required manual H size
Type
UINT16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100