công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VS6624 bảng dữ liệu(PDF) 68 Page - STMicroelectronics

tên linh kiện VS6624
Giải thích chi tiết về linh kiện  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 bảng dữ liệu(HTML) 68 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 64Page - STMicroelectronics VS6624 Datasheet HTML 65Page - STMicroelectronics VS6624 Datasheet HTML 66Page - STMicroelectronics VS6624 Datasheet HTML 67Page - STMicroelectronics VS6624 Datasheet HTML 68Page - STMicroelectronics VS6624 Datasheet HTML 69Page - STMicroelectronics VS6624 Datasheet HTML 70Page - STMicroelectronics VS6624 Datasheet HTML 71Page - STMicroelectronics VS6624 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
Register map
VS6624
68/100
Rev 1
Flash control
0x1906
fStable
Default value
0x00
Purpose
Consolidated flag to indicate whether the system is stable/unstable
Type
CODED
Possible values
<0> Unstable
<1>Stable
Table 26.
Image stability [read only]
Index
Image stability [read only]
Table 27.
Flash control
Index
FlashControl(1)
0x1a80
bFlashMode
Default value
<0> FLASH_OFF
Purpose
Select the flash type and on/off
Type
CODED
Possible values
<0> FLASH_OFF
<1>FLASH_TORCH
<2>FLASH_PULSE
0x1a83(MSB)
0x1a84(LSB)
uwFlashOffLine
Default value
0x021c (540)
Purpose
At flash_pulse mode, used to control off line
Type
UINT16
1.
Can be controlled in all stable states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100