công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPF7100BVMA2ES bảng dữ liệu(PDF) 90 Page - NXP Semiconductors

tên linh kiện MPF7100BVMA2ES
Giải thích chi tiết về linh kiện  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES bảng dữ liệu(HTML) 90 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 86Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 87Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 88Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 89Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 90Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 91Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 92Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 93Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
90 / 125
OTP_WD_MAX_EXPIRE causes the watchdog event to be initiated, as soon as the WD
timer expires for the first time.
The OTP_WDWINDOW bit selects whether the watchdog is single ended or window
mode.
• When OTP_WDWINDOW = 0, the WD_CLEAR flag can be cleared within 100 % of the
watchdog timer.
• When OTP_WDWINDOW = 1, the WD_CLEAR flag can only be cleared within the
second half of the programmed watchdog timer. Clearing the WD_CLEAR flag within
the first half of the watchdog window is interpreted as a failure to refresh the watchdog.
aaa-028072
WD refresh OK
WD_EXPIRE_CNT
WD refresh NOK
WD refresh
NOK
WD refresh
NOK
WD refresh
NOK
WD refresh
NOK
WD refresh NOK
WD refresh
NOK
WD refresh OK
WD refresh OK
WD refresh OK
WD refresh
NOK
WD EVENT
WD refresh OK
WD refresh OK
WD refresh OK
WD refresh OK
n =
WD_MAX
_EXPIRE
5
4
3
2
1
0
0
WD_TIMER
Expired
WD refresh NOK
0
WD_TIMER
Expired
WD_TIMER
50 % Window
WD_TIMER
100 % Window
Figure 36. Watchdog timer operation
The watchdog function can be enabled or disabled by writing the WD_EN bit on the I2C
register map. When the I2C_SECURE_EN = 1, a secure write must be performed to
change the WD_EN bit.
• When WD_EN = 0, the internal watchdog timer operation is disabled.
• When WD_EN = 1, the internal watchdog timer operation is enabled.
The OTP_WD_EN bit is used to select the default status of the watchdog counter upon
power up.
The watchdog function can be programmed to be enabled or disabled during the
standby state by writing the WD_STBY_EN bit on the I2C register map. When the
I2C_SECURE_EN = 1, a secure write must be performed to modify the WD_STBY_EN
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com