| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPF7100BVBA2ES bảng dữ liệu(PDF) 105 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF7100BVBA2ES bảng dữ liệu(HTML) 105 Page - NXP Semiconductors |
|
105 / 125 page ![]() NXP Semiconductors PF7100 7-channel power management integrated circuit for high performance applications PF7100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 4 — 9 March 2021 105 / 125 • I2C communication uses standard communication with no CRC and secure write disabled. • Default I2C address is 0x08 regardless of the address configured by OTP. • Watchdog monitoring is disabled (including WDI and internal watchdog timer). • The PF7100 can communicate through I2C as long as VDDIO is provided to the PMIC externally. The PAGE[2:0] bits are provided to grant access to the mirror registers and other OTP dedicated bits. When device is in the TBB mode, it can access the mirror registers in the extended register Page 1. With the TBBEN pin pulled low, access to the extended register pages is not allowed. The mirror registers are preloaded with the values form the OTP configuration. These may be modified to set the proper power up configuration during TBB operation. If a power up event is present with the TBBEN pin set high, device powers up with the proper configuration but limited functionality. Limited functionality includes: • Default I2C address = 0x08 • CRC and secure write disabled • Watchdog operation/monitoring disable In order to allow TBB operation with full functionality, the TBBEN pin must be low when the power up event occurs. The PF7100 can operate normally using the TBB configuration, as long as VIN does not go below the UVDET threshold. If VIN is lost (VIN < UVDET), the mirror register is reset and TBB configuration must be performed again. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |