| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPF7100BVBA2ES bảng dữ liệu(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF7100BVBA2ES bảng dữ liệu(HTML) 36 Page - NXP Semiconductors |
|
36 / 125 page ![]() NXP Semiconductors PF7100 7-channel power management integrated circuit for high performance applications PF7100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 4 — 9 March 2021 36 / 125 Table 26. Fault bypass bits Regulator Bit to bypass a current limit Bit to bypass an undervoltage Bit to bypass an overvoltage SW1 SW1_ILIM_BYPASS SW1_UV_BYPASS SW1_OV_BYPASS SW2 SW2_ILIM_BYPASS SW2_UV_BYPASS SW2_OV_BYPASS SW3 SW3_ILIM_BYPASS SW3_UV_BYPASS SW3_OV_BYPASS SW4 SW4_ILIM_BYPASS SW4_UV_BYPASS SW4_OV_BYPASS SW5 SW5_ILIM_BYPASS SW5_UV_BYPASS SW5_OV_BYPASS LDO1 LDO1_ILIM_BYPASS LDO1_UV_BYPASS LDO1_OV_BYPASS LDO2 LDO2_ILIM_BYPASS LDO2_UV_BYPASS LDO2_OV_BYPASS The default value of the OV_BYPASS, UV_BYPASS and ILIM_BYPASS bits upon power up can be configured by their corresponding OTP bits. Bypassing the fault detection prevents the specific fault from starting any of the protective mechanisms: • Increment the counter • Start the fault timer • Disable the regulator if the corresponding _STATE bit is 0 • OV / UV condition asserting the PGOOD pin low When a fault is bypassed, the corresponding interrupt bit is still set and the INTB pin is asserted, provided the interrupt has not been masked. 14.7.1 Fault monitoring during power up state An OTP bit is provided to select whether the output of the switching regulators is verified during the power up sequence and used as a gating condition to release the RESETBMCU or not. • When OTP_PG_CHECK = 0, the output voltage of the regulators is not checked during the power up sequence and power good indication is not required to de-assert the RESETBMCU. In this scenario, the OV/UV monitors are masked until RESETBMCU is released; after this event, all regulators may start checking for faults after their corresponding blanking period. • When OTP_PG_CHECK = 1, the output voltage of the regulators is verified during the power up sequence and a power good condition is required to release the RESETBMCU. When OTP_PG_CHECK = 1, OV and UV faults during the power up sequence are reported based on the internal PG (Power Good) signals of the corresponding external regulator. The PGOOD pin can be used as an external indicator of an OV/UV failure when the RESETBMCU is ready to be de-asserted and it has been configured in the PGOOD mode. See Section 14.9.8 "PGOOD" for details on PGOOD pin operation and configuration. Regardless of the PGOOD pin configured as a power good indicator or not, the PF7100 masks the detection of an OV/UV failure until RESETBMCU is ready to be released, at this point the device checks for any OV/UV condition for the regulators turned on so far. If all regulators powered up before or in the same sequence slot than RESETBMCU are in regulation, RESETBMCU is de-asserted and the power up sequence can continue as shown in Figure 15. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |