| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPF7100BVBA2ES bảng dữ liệu(PDF) 104 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF7100BVBA2ES bảng dữ liệu(HTML) 104 Page - NXP Semiconductors |
|
104 / 125 page ![]() NXP Semiconductors PF7100 7-channel power management integrated circuit for high performance applications PF7100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 4 — 9 March 2021 104 / 125 AD DR Register name BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 E0 OTP_ILIM_ BYPASS2 — — — — — — OTP_LDO2_ ILIMBYPASS OTP_LDO1_ ILIMBYPASS E1 OTP_PROG_ IDH — — — — OTP_PROG_ID11 OTP_PROG_ID10 OTP_PROG_ID9 OTP_PROG_ID8 E2 OTP_PROG_ IDL OTP_PROG_ID7 OTP_PROG_ID6 OTP_PROG_ID5 OTP_PROG_ID4 OTP_PROG_ID3 OTP_PROG_ID2 OTP_PROG_ID1 OTP_PROG_ID0 E3 OTP_DEBUG1 — — — — — — — OTP_BGMON_BYPASS 17 OTP/TBB and hardwire default configurations The PF7100 supports OTP fuse bank configuration and a predefined hardwire configuration to select the default power up configuration via the VDDOTP pin. The default power up configuration is loaded into the functional I2C registers based on the voltage on VDDOTP pin on register loading. • If VDDOTP = GND, the device loads the configuration from the OTP mirror registers. • If VDDOTP = V1P5D, the device loads the configuration from the default hardwire configuration. When OTP configuration is selected, the register loading occurs in two stages: • In the first stage, the fuses are loaded in the OTP mirror registers each time VIN crosses the UVDET threshold in the rising edge. • At the second stage, data from the mirror registers are loaded into the functional I2C registers for device operation. When VDDOTP = GND, the mirror registers hold the default configuration to be used on a power-on event. The mirror registers can be modified during the TBB mode to test a custom power up configuration and/or burn the configuration into the OTP fuses to generate a customized default power up configuration. When VDDOTP = V1P5D, the I2C functional register are always loaded from the hardwire configuration each time a default loading is required. Therefore, no TBB operation is possible in this configuration. In the event of a TRIM/OTP loading failure or a self-test failure, the corresponding fault flag is set and any PWRUP event is ignored until the flags are cleared by writing a 1 during the QPU_OFF state. The TRIM_NOK, OTP_NOK and STEST_NOK flags can only be written when the TBBEN = V1P5D (in TBB mode). In normal operation, the TRIM_NOK, OTP_NOK and STEST_NOK flags can only be read, but not cleared. 17.1 TBB (Try Before Buy) operation The PF7100 allows temporary configuration (TBB) to debug or test a customized power up configuration in the system. In order to access the TBB mode, the TBBEN pin should be set high. In this mode of operation, the device ignores the default value of the LPM_OFF bit and moves into the QPU_Off state, regardless of the result of the self-test. However, the actual result of the self-test is notified by the STEST_NOK flag. • When the self-test is successful the STEST_NOK flag is set to 0 • When the self-test has failed, the STEST_NOK flag is set to 1 In the TBB mode, the following conditions are valid: |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |