công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FXLS93333 bảng dữ liệu(PDF) 98 Page - NXP Semiconductors

tên linh kiện FXLS93333
Giải thích chi tiết về linh kiện  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 bảng dữ liệu(HTML) 98 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 94Page - NXP Semiconductors FXLS93333 Datasheet HTML 95Page - NXP Semiconductors FXLS93333 Datasheet HTML 96Page - NXP Semiconductors FXLS93333 Datasheet HTML 97Page - NXP Semiconductors FXLS93333 Datasheet HTML 98Page - NXP Semiconductors FXLS93333 Datasheet HTML 99Page - NXP Semiconductors FXLS93333 Datasheet HTML 100Page - NXP Semiconductors FXLS93333 Datasheet HTML 101Page - NXP Semiconductors FXLS93333 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
register value with the analog self-test active and the factory measured CHx_SNSDATA0
register value for off-set at nominal temperature (Data is aligned to the 12-bit sensor
data). Both the self-test and offset values are measured with the user scaling set to 1:
U_SNS_SHIFT[1:0] = 0x2 and U_SNS_MULT[7:0] = 0x00.
CH0_STL_P = 0.5 * [CH0_SNSDATA0ST_CTRL=0x8 - CH0_SNSDATA0ST_CTRL=0x0]
CH0_STL_N = 0.5 * [CH0_SNSDATA0ST_CTRL=0x0 - CH0_SNSDATA0ST_CTRL=0x9]
CH0_STH_P = 0.5 * [CH0_SNSDATA0ST_CTRL=0xA - CH0_SNSDATA0ST_CTRL=0x0]
CH0_STH_N = 0.5 * [CH0_SNSDATA0ST_CTRL=0x0 - CH0_SNSDATA0ST_CTRL=0xB]
CH1_STL_P = 0.5 * [CH1_SNSDATA0ST_CTRL=0x8 - CH1_SNSDATA0ST_CTRL=0x0]
CH1_STL_N = 0.5 * [CH1_SNSDATA0ST_CTRL=0x0 - CH1_SNSDATA0ST_CTRL=0x9]
CH1_STH_P = 0.5 * [CH1_SNSDATA0ST_CTRL=0xA - CH1_SNSDATA0ST_CTRL=0x0]
CH1_STH_N = 0.5 * [CH1_SNSDATA0ST_CTRL=0x0 - CH1_SNSDATA0ST_CTRL=0xB]
Two self-test values are stored and available for comparison: a high self-test value and a
low self-test value. The self-test value is controlled by the user via the ST_CTRL[3:0] bits
in the CHx_CFG_U5 registers as described in Section 11.2.27.1.
When self-test is activated, the sensor data can be compared to the values in the
appropriate registers. The difference from the measured deflection value, and the
nominal deflection value stored in the register shall not fall outside the self-test accuracy
limits specified in Section 10.7 (ΔSTACC). See Section 11.6.2 for more details on
calculating the self-test limits.
11.2.38 IC type register
The IC type register is a factory programmable OTP register which contains the IC type
as defined in Table 179. This register is included in the factory programmed OTP array
error detection.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$C0
ICTYPEID
0
0
0
0
0
0
1
1
Table 179. IC type register
11.2.39 IC revision register
The IC revision register is a factory programmable OTP register which contains the IC
revision. The upper nibble contains the main IC revision. The lower nibble contains the
sub IC revision. This register is included in the factory programmed OTP array error
detection.
This register is readable in DSI3 mode, SPI mode, I2C mode or PSI5 programming mode
when ENDINIT is not set. See Section 11.2.10 for details on the register read process for
this register.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$C1
ICREVID
ICREVID[7:0]
Table 180. IC revision register
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
98 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com