công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FXLS93333 bảng dữ liệu(PDF) 35 Page - NXP Semiconductors

tên linh kiện FXLS93333
Giải thích chi tiết về linh kiện  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 bảng dữ liệu(HTML) 35 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 31Page - NXP Semiconductors FXLS93333 Datasheet HTML 32Page - NXP Semiconductors FXLS93333 Datasheet HTML 33Page - NXP Semiconductors FXLS93333 Datasheet HTML 34Page - NXP Semiconductors FXLS93333 Datasheet HTML 35Page - NXP Semiconductors FXLS93333 Datasheet HTML 36Page - NXP Semiconductors FXLS93333 Datasheet HTML 37Page - NXP Semiconductors FXLS93333 Datasheet HTML 38Page - NXP Semiconductors FXLS93333 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_min, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Offset Monitor
10883
Update Rate
OFFMONOSC
—
0.5
—
ms
7, 8
10905
Count Limit
OFFMONCNTLIMIT
—
4096
—
1
7, 8
10904
Counter Size
OFFMONCNTSIZE
—
8192
—
1
7, 8
10881
Signal Delay (Sinc Filter to Output Delay, excluding LPF)
tSigDelay
—
—
128
µs
7, 8
Interpolation
20923
tSigChain = tSigChain00, tSigChain01
tINTERP_00, 01
—
1
—
µs
7, 8
20922
tSigChain = tSigChain02
tINTERP_02
—
2
—
µs
7, 8
20921
tSigChain = tSigChain03
tINTERP_03
—
4
—
µs
7, 8
10877
Interpolation Latency
tLAT_INTERP
—
tSigChainxx
—
s
7, 8
Table 39. Dynamic electrical characteristics - signal chain...continued
10.17 Dynamic electrical characteristics - analog self-test response time
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_min, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Medium g, Lateral
Self-test Response Time: Self-test Activation/Deactivation to 99 %/1 % gST
10878
Medium g Lateral, LPF = 800 Hz, 4-Pole
tST_Resp_MedX_800_4
750
795
1020
µs
7, 8
44634
Medium g Lateral, LPF = 1500 Hz, 4-Pole
tST_Resp_MedX_1500_4
395
415
725
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38147
Medium g Lateral, LPF = 400 Hz, 4-Pole
tST_Resp_MedX_400_4
1510
1590
1810
µs
7, 8
38151
Medium g Lateral, LPF = 400 Hz, 3-Pole
tST_Resp_MedX_400_3
1420
1490
1710
µs
7, 8
38150
Medium g Lateral, LPF = 180 Hz, 2-Pole
tST_Resp_MedX_180_2
3030
3190
3470
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38149
Medium g Lateral, LPF = 300 Hz, 4-Pole
tST_Resp_MedX_300_4
2010
2120
2360
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38148
Medium g Lateral, LPF = 188 Hz, 4-Pole
tST_Resp_MedX_188_4
3210
3380
3680
µs
7, 8
High g, Lateral
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38152
High g Lateral, LPF = 800 Hz, 4-Pole
tST_Resp_HiX_800_4
750
795
892
µs
7, 8
44636
High g Lateral, LPF = 1500 Hz, 4-Pole
tST_Resp_HiX_1500_4
395
415
490
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38153
High g Lateral, LPF = 400 Hz, 4-Pole
tST_Resp_HiX_400_4
1510
1590
1720
µs
7, 8
38154
High g Lateral, LPF = 400 Hz, 3-Pole
tST_Resp_HiX_400_3
1420
1490
1620
µs
7, 8
38155
High g Lateral, LPF = 180 Hz, 2-Pole
tST_Resp_HiX_180_2
3030
3190
3400
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38156
High g Lateral, LPF = 300 Hz, 4-Pole
tST_Resp_HiX_300_4
2010
2120
2280
µs
7, 8
Table 40. Dynamic electrical characteristics - analog self-test response time
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
35 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com