công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FXLS93333 bảng dữ liệu(PDF) 84 Page - NXP Semiconductors

tên linh kiện FXLS93333
Giải thích chi tiết về linh kiện  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 bảng dữ liệu(HTML) 84 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 80Page - NXP Semiconductors FXLS93333 Datasheet HTML 81Page - NXP Semiconductors FXLS93333 Datasheet HTML 82Page - NXP Semiconductors FXLS93333 Datasheet HTML 83Page - NXP Semiconductors FXLS93333 Datasheet HTML 84Page - NXP Semiconductors FXLS93333 Datasheet HTML 85Page - NXP Semiconductors FXLS93333 Datasheet HTML 86Page - NXP Semiconductors FXLS93333 Datasheet HTML 87Page - NXP Semiconductors FXLS93333 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Register values
DATATYPE transmissions
UNSIGN
EDDATA
CHx_SNSDATA0
CHx_SNSDATA1
Sensor data (DSI, SPI)
Sensor data (PSI5)
0
Signed Data
Signed Data
Signed Data
1
Unsigned Data
Unsigned Data
Unsigned Data
Signed Data
Temperature Sensor Data
0
1
As specified in Section 11.7.2
Table 144. Unsigned data select bit (UNSIGNEDDATA)...continued
11.2.25.2 Channel data type 0 selection bits (CHxDATATYPE0)
The Channel Data Type 0 selection bits select the type of data to be included in the
SNSDATA0_L and SNSDATA0_H registers for each channel.
Data transmitted
CHxDATA
TYPE0[1]
CHxDATA
TYPE0[0]
Data transmitted
Offset
canceled?
Moving
average?
Interpo
lation?
0
0
CHx Sensor Data
Selected by
OC_-FILT[1:0]
0
1
CHx Sensor Data
No
Selected by
MOVEA
VG[1:0]
Selected by
MOVEA
VG[1:0]
1
0
1
1
Temperature Sensor Data (As specified in Section 11.7.2)
Table 145. Channel data type 0 selection bits (CHxDATATYPE0)
11.2.25.3 Channel data type 1 selection bits (CHxDATATYPE1)
The Channel data type 1 selection bits select the type of data to be included in the
SNSDATA1_L and SNSDATA1_H registers for each channel.
Data transmitted
CHxDATA
TYPE1[2]
CHxDATA
TYPE1[1]
CHxDATA
TYPE1[0]
Data transmitted
Offset
canceled?
Moving
average?
Interpolation?
0
0
0
CHx Sensor Data
Selected by
OC_-FILT[1:0]
Selected by
MOVEA
VG[1:0]
No
0
0
1
CHx Sensor Data
No
Selected by
MOVEA
VG[1:0]
No
0
1
0
0
1
1
Temperature Sensor Data (As specified in Section 11.7.2)
1
0
0
CHx Sensor Data
Selected by
OC_-FILT[1:0]
No
No
1
0
1
CHx Sensor Data
No
Selected by
MOVEA
VG[1:0]
No
Table 146. Channel data type 1 selection bits (CHxDATATYPE1)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
84 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com