công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC3200 bảng dữ liệu(PDF) 408 Page - Advanced Micro Devices

tên linh kiện SC3200
Giải thích chi tiết về linh kiện  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 bảng dữ liệu(HTML) 408 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 404Page - Advanced Micro Devices SC3200 Datasheet HTML 405Page - Advanced Micro Devices SC3200 Datasheet HTML 406Page - Advanced Micro Devices SC3200 Datasheet HTML 407Page - Advanced Micro Devices SC3200 Datasheet HTML 408Page - Advanced Micro Devices SC3200 Datasheet HTML 409Page - Advanced Micro Devices SC3200 Datasheet HTML 410Page - Advanced Micro Devices SC3200 Datasheet HTML 411Page - Advanced Micro Devices SC3200 Datasheet HTML 412Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 447 page
background image
408
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
All timing parameters are measured at the connector of the
device to which the parameter applies. For example, the
sender stops generating STROBE edges tRFS after the
negation of DMARDY. Both STROBE and DMARDY timing
measurements are taken at the connector of the sender.
Figure 9-27. Initiating an UltraDMA Data in Burst Timing Diagram
tUI
tACK
tENV
tFS
tFS
tZAD
tACK
tZIORDY
tAZ
tACK
tDVS
tDVH
tENV
tZAD
IDE_DATA[15:0]
IDE_ADDR[2:0]
IDE_CS[0:1]
IDE_REQ0
(device)
IDE_DACK0#
(host)
IDE_IOW0#
(STOP0)
(host)
IDE_IOR0#
(HDMARDY0#)
(host)
IDE_IRDY0 (DSTROBE0)
(device)
Note:
The definitions for the IDE_IOW[0:1]# (STOP[0:1]), IDE_IOR[0:1]# (HDMARDY[0:1]#) and IDE_IRDY[0:1]
(DSTROBE[0:1]) signal lines are not in effect until IDE_REQ[0:1] and IDE_DACK[0:1]# are asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More