| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC3200 bảng dữ liệu(PDF) 90 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 bảng dữ liệu(HTML) 90 Page - Advanced Micro Devices |
|
90 / 447 page ![]() 90 AMD Geode™ SC3200 Processor Data Book General Configuration Block Revision 5.1 23 TFTPP (TFT/Parallel Port). Determines whether certain balls are used for TFT or PP/ACB1/FPCI. This bit is set to 1 at power-on if the TFT_PRSNT strap (EBGA ball AK13 / TEPBGA ball P29) is pulled high. Ball # 0: PP/ACB1/FPCI 1: TFT EBGA / TEPBGA Name Add’l Dependencies Name Add’l Dependencies H2 / D10 GPIO1 PMR[13] = 0 TFTD12 None IOCS1# PMR[13] = 1 H3 / A9 GPIO20 PMR[7] = 0 TFTD0 None DOCCS# PMR[7] = 1 J4 / A10 GPIO17 PMR[5] = 0 TFTDCK None IOCS0# PMR[5] = 1 T1 / B17 BUSY/WAIT# Note 1 TFTD3 None F_C/BE1# Note 2 T3 / D17 PE Note 1 TFTD14 Note 1 F_C/BE2# Note 2 T4 / C17 SLCT Note 1 TFTD15 Note 1 F_C/BE3# Note 2 U1 / A18 PD7 Note 1 TFTD13 Note 1 F_AD7 Note 2 U3 / B18 ACK# Note 1 TFTDE Note 1 FPCICLK Note 2 V1 / C18 PD4 Note 1 TFTD10 Note 1 F_AD4 Note 2 V2 / C19 PD5 Note 1 TFTD11 Note 1 F_AD5 Note 2 V3 / A20 PD6 Note 1 TFTD1 Note 1 F_AD6 Note 2 W1 / B20 SLIN#/ASTRB# Note 1 TFTD16 Note 1 F_IRDY# Note 2 W2 / C20 PD3 Note 1 TFTD9 Note 1 F_AD3 Note 2 W3 / D20 PD2 Note 1 TFTD8 Note 1 F_AD2 Note 2 Y1 / A21 PD1 Note 1 TFTD7 Note 1 F_AD1 Note 2 Y3 / B21 INIT# Note 1 TFTD5 Note 1 SMI_O Note 2 AA1 / C21 PD0 Note 1 TFTD6 Note 1 F_AD0 Note 2 AA3 / D21 ERR# Note 1 TFTD4 Note 1 F_C/BE0# Note 2 AB1 / A22 STB#/WRITE# Note 1 TFTD17 None F_FRAME# Note 2 AB2 / D22 AFD#/DSTRB# Note 1 TFTD2 Note 1 INTR_O Note 2 AJ13 / N31 AB1C None GPIO20 PMR[7] = 0 DOCCS# PMR[7] = 1 AL12 / N30 AB1D None GPIO1 PMR[13] = 0 IOCS1# PMR[13] = 1 AL16 / V30 GXCLK PMR[29] = 0 FP_VDD_ON None TEST3 PMR[29] = 1 Note: 1. PMR[27] = 0 and FPCI_MON = 0 2. PMR[27] = 1 or FPCI_MON = 1 3. ACCESS.bus interface 1 is not available if PMR[23] = 1. 4. If FPCI_MON strap is enabled, the TFT_PRSNT strap should pulled low. 22 RSVD (Reserved). Must be set equal to PMR[14] (LPCSEL). The LPC_ROM strap (EBGA ball E4 / TEPBGA ball D6) deter- mines the power-on reset (POR) state of PMR[14] and PMR[22]. Table 4-2. Multiplexing, Interrupt Selection, and Base Address Registers (Continued) Bit Description |