công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC3200 bảng dữ liệu(PDF) 60 Page - Advanced Micro Devices

tên linh kiện SC3200
Giải thích chi tiết về linh kiện  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 bảng dữ liệu(HTML) 60 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 56Page - Advanced Micro Devices SC3200 Datasheet HTML 57Page - Advanced Micro Devices SC3200 Datasheet HTML 58Page - Advanced Micro Devices SC3200 Datasheet HTML 59Page - Advanced Micro Devices SC3200 Datasheet HTML 60Page - Advanced Micro Devices SC3200 Datasheet HTML 61Page - Advanced Micro Devices SC3200 Datasheet HTML 62Page - Advanced Micro Devices SC3200 Datasheet HTML 63Page - Advanced Micro Devices SC3200 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 447 page
background image
60
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
Ball No.
GPIO
ACCESS.bus
AJ12
N29
GPIO12
PMR[19] = 0
AB2C
PMR[19] = 1
AL11
M29
GPIO13
AB2D
Ball No.
GPIO
UART
A28
AG1
GPIO18
PMR[16] = 0
DTR1#/BOUT1
PMR[16] = 1
Ball No.
Infrared
UART
J3
C11
IRTX
PMR[6] = 0
SOUT3
PMR[6] = 1
J28
AK8
IRRX1
SIN3
Ball No.
GPIO
LPC
AJ11
M28
GPIO32
PMR[14] = 0 and
PMR[22] = 0
LAD0
PMR[14] = 1 and
PMR[22] = 1
AL10
L31
GPIO33
LAD1
AK10
L30
GPIO34
LAD2
AJ10
L29
GPIO35
LAD3
AL9
L28
GPIO36
LDRQ#
AK9
K31
GPIO37
LFRAME#
AJ9
K28
GPIO38/IRRX2
LPCPD#
AL8
J31
GPIO39
SERIRQ
Ball No.
UART
Internal Test
AJ4
E28
SIN2
PMR[28] = 0
SDTEST3
PMR[28] = 1
Ball No.
AC97
FPCI Monitoring
AJ15
U29
AC97_RST#
FPCI_MON = 0
F_STOP#
FPCI_MON = 1
AK14
U31
SDATA_IN
F_GNT0#
AL14
U30
BIT_CLK
F_TRDY#
Ball No.
Internal Test
Internal Test
C28
AG4
PLL6B
PMR[29] = 0
TEST1
PMR[29] = 1
B29
AJ1
PLL5B
TEST2
D28
AH3
PLL2B
TEST0
Table 3-7. Two-Signal/Group Multiplexing (Continued)
EBGA
TEPBGA
Default
Alternate
Signal
Configuration
Signal
Configuration
Table 3-8. Three-Signal/Group Multiplexing
EBGA
TEPBGA
Default
Alternate1
Alternate2
Signal
Configuration
Signal
Configuration
Signal
Configuration
Ball No.
Sub-ISA
Sub-ISA1
GPIO
F1
D9
IOR#
PMR[21] = 0 and
PMR[2] = 0
DOCR#
PMR[21] = 0 and
PMR[2] = 1
GPIO14
PMR[21] = 1 and
PMR[2] = 1
G3
A8
IOW#
DOCW#
GPIO15
Ball No.
GPIO
AC97
FPCI Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More