công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5602CKCMG6R bảng dữ liệu(PDF) 70 Page - NXP Semiconductors

tên linh kiện MPC5602CKCMG6R
Giải thích chi tiết về linh kiện  MPC5604B/C Microcontroller Data Sheet
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CKCMG6R bảng dữ liệu(HTML) 70 Page - NXP Semiconductors

Back Button MPC5602CKCMG6R Datasheet HTML 66Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 67Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 68Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 69Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 70Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 71Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 72Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 73Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 14
Package pinouts and signal descriptions
NXP Semiconductors
70
2.25
Slow internal RC oscillator (128 kHz) electrical characteristics
The device provides a 128 kHz slow internal RC oscillator. This can be used as the reference clock for the
RTC module.
IFIRCSTOP CC T Fast internal RC oscillator high
frequency and system clock current
in stop mode
TA = 25 °C sysclk = off
—
500
—
µA
sysclk = 2 MHz
—
600
—
sysclk = 4 MHz
—
700
—
sysclk = 8 MHz
—
900
—
sysclk = 16 MHz
—
1250
—
tFIRCSU CC C Fast internal RC oscillator start-up
time
VDD = 5.0 V ± 10%
—
1.1
2.0
µs
ΔFIRCPRE CC T Fast internal RC oscillator precision
after software trimming of fFIRC
TA = 25 °C
−1—
+1
%
ΔFIRCTRIM CC T Fast internal RC oscillator trimming
step
TA = 25 °C
—
1.6
%
ΔFIRCVAR CC P Fast internal RC oscillator variation
in over temperature and supply with
respect to fFIRC at TA = 25 °C in
high-frequency configuration
—
−5—
+5
%
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 This does not include consumption linked to clock tree toggling and peripherals consumption when RC oscillator is
ON.
Table 42. Slow internal RC oscillator (128 kHz) electrical characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
fSIRC
CC P Slow internal RC oscillator low
frequency
TA = 25 °C, trimmed
—
128
—
kHz
SR —
—
100
—
150
ISIRC
2,
CC C Slow internal RC oscillator low
frequency current
TA = 25 °C, trimmed
—
—
5
µA
tSIRCSU
CC P Slow internal RC oscillator start-up
time
TA = 25 °C, VDD = 5.0 V ± 10%
—
8
12
µs
ΔSIRCPRE CC C Slow internal RC oscillator precision
after software trimming of fSIRC
TA = 25 °C
−2—
+2
%
ΔSIRCTRIM CC C Slow internal RC oscillator trimming
step
——
2.7
—
Table 41. Fast internal RC oscillator (16 MHz) electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com