công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5602CKCMG6R bảng dữ liệu(PDF) 39 Page - NXP Semiconductors

tên linh kiện MPC5602CKCMG6R
Giải thích chi tiết về linh kiện  MPC5604B/C Microcontroller Data Sheet
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CKCMG6R bảng dữ liệu(HTML) 39 Page - NXP Semiconductors

Back Button MPC5602CKCMG6R Datasheet HTML 35Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 36Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 37Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 38Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 39Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 40Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 41Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 42Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 14
NXP Semiconductors
39
2.15.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
•
Table 16 provides weak pull figures. Both pull-up and pull-down resistances are supported.
•
Table 17 provides output driver characteristics for I/O pads when in SLOW configuration.
•
Table 18 provides output driver characteristics for I/O pads when in MEDIUM configuration.
•
Table 19 provides output driver characteristics for I/O pads when in FAST configuration.
Table 15. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
VIH
SR P Input high level CMOS (Schmitt
Trigger)
—0.65VDD
—VDD+0.4
V
VIL
SR P Input low level CMOS (Schmitt
Trigger)
—
−0.4
—
0.35VDD
VHYS CC C Input hysteresis CMOS (Schmitt
Trigger)
—0.1VDD
——
ILKG CC D Digital input leakage
No injection
on adjacent
pin
TA = −40 °C
—
2
200
nA
DTA = 25 °C
—
2
200
DTA = 85 °C
—
5
300
DTA = 105 °C
—
12
500
PTA = 125 °C
—
70
1000
WFI
2
2 In the range from 40 to 1000 ns, pulses can be filtered or not filtered, according to operating temperature and
voltage.
SR P Wakeup input filtered pulse
—
—
—
40
ns
WNFI
2 SR P Wakeup input not filtered pulse
—
1000
—
—
ns
Table 16. I/O pull-up/pull-down DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
|IWPU| CC P Weak pull-up current
absolute value
VIN = VIL, VDD = 5.0 V ± 10% PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 12
2 The configuration PAD3V5 = 1 when V
DD = 5 V is only a transient configuration during power-up. All pads but
RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
10
—
250
PVIN = VIL, VDD = 3.3 V ± 10% PAD3V5V = 1
10
—
150
|IWPD| CC P Weak pull-down current
absolute value
VIN = VIH, VDD = 5.0 V ± 10% PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 1
10
—
250
PVIN = VIH, VDD = 3.3 V ± 10% PAD3V5V = 1
10
—
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com