công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5602CKCMG6R bảng dữ liệu(PDF) 32 Page - NXP Semiconductors

tên linh kiện MPC5602CKCMG6R
Giải thích chi tiết về linh kiện  MPC5604B/C Microcontroller Data Sheet
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CKCMG6R bảng dữ liệu(HTML) 32 Page - NXP Semiconductors

Back Button MPC5602CKCMG6R Datasheet HTML 28Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 29Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 30Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 31Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 32Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 33Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 34Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 35Page - NXP Semiconductors MPC5602CKCMG6R Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 14
Package pinouts and signal descriptions
NXP Semiconductors
32
2.11
NVUSRO register
Bit values in the Non-Volatile User Options (NVUSRO) Register control portions of the device
configuration, namely electrical parameters such as high voltage supply and oscillator margin, as well as
digital functionality (watchdog enable/disable after reset).
For a detailed description of the NVUSRO register, please refer to the device reference manual.
2.11.1
NVUSRO[PAD3V5V] field description
The DC electrical characteristics are dependent on the PAD3V5V bit value. Table 8 shows how
NVUSRO[PAD3V5V] controls the device configuration.
2.11.2
NVUSRO[OSCILLATOR_MARGIN] field description
The fast external crystal oscillator consumption is dependent on the OSCILLATOR_MARGIN bit value.
Table 9 shows how NVUSRO[OSCILLATOR_MARGIN] controls the device configuration.
2.11.3
NVUSRO[WATCHDOG_EN] field description
The watchdog enable/disable configuration after reset is dependent on the WATCHDOG_EN bit value.
Table 10 shows how NVUSRO[WATCHDOG_EN] controls the device configuration.
Table 8. PAD3V5V field description
Value1
1 Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
Table 9. OSCILLATOR_MARGIN field description
Value1
1 Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Low consumption configuration (4 MHz/8 MHz)
1
High margin configuration (4 MHz/16 MHz)
Table 10. WATCHDOG_EN field description
Value1
1 Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Disable after reset
1
Enable after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com