| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACE25QC160GLDPTH bảng dữ liệu(PDF) 26 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25QC160GLDPTH bảng dữ liệu(HTML) 26 Page - ACE Technology Co., LTD. |
|
26 / 73 page ![]() ACE25QC160G 16M BIT SPI NOR FLASH VER 1.2 26 Write Enable for Volatile Status Register (50H) See Figure 6, the non-volatile Status Register bits can also be written to as volatile bits.. This gives more flexibility to change the system configuration and memory protection schemes quickly without waiting for the typical non-volatile bit write cycles or affecting the endurance of the Status Register non-volatile bits. Write Enable for Volatile Status Register instruction will not set the Write Enable Latch bit, it is only valid for the Write Status Registers instruction to change the volatile Status Register bit values. Figure6. Write Enable for Volatile Status Register Instruction for SPI Mode (left) or QPI Mode (right) |