công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EDSTRG40DILAX bảng dữ liệu(PDF) 38 Page - Texas Instruments

tên linh kiện EDSTRG40DILAX
Giải thích chi tiết về linh kiện  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG40DILAX bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button EDSTRG40DILAX Datasheet HTML 34Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 35Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 36Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 37Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 38Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 39Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 40Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 41Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
GLOSSARY/SYMBOLS, TERMS, AND DEFINITIONS
1–30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
C
C:
A high-level, general-purpose programming language that is useful for writing compilers and operating systems
and for programming microprocessors
C compiler:
A program that translates C source statements into assembly language source statements
capture register:
A timer 2n register that is loaded with the 16-bit counter value on the occurrence of an external
input transition. Either edge of the external input can be configured to trigger the capture.
CDIP:
Ceramic Dual In-Line Package
CDT370:
A low-cost code-development tool that is external to the target system and provides direct control over
the TMS370 processor that is on the target system
chip select:
For some blocks of the TMS370 memory map, the most significant bits of the address are pre-decoded
to activate chip-select signals. These chip-select signals allow the TMS370 to access external addresses with a
minimum of external logic and to perform memory bank selection under software control.
circular buffer:
A variable length area in the PACT module dual-port RAM that stores the value of a PACT timer
when a capture request is made. As new values are captured, they are put into successive locations in the buffer.
When the buffer is full, the oldest captures are replaced with newer captures.
CLCC:
Ceramic Leaded Chip Carrier
CMOS:
A complementary MOS technology that uses transistors with electron (N-channel) and hole (P-channel)
conduction
code conversion utility:
A software program that translates a COFF file into one of several standard ASCII hexa-
decimal formats suitable for loading into an EPROM programmer
COFF:
Common Object File Format. An implementation of the object file format of the same name developed by
AT&T. The TMS370 compiler, assembler, and linker use and generate COFF files.
command/definition area:
A variable length area in the PACT module dual-port RAM that is used to define the
actions taken by the PACT module
comment:
A source statement (or portion of a source statement) that documents or improves the readability of a
source file. Comments are not compiled, assembled, or linked; they have no effect on the object file.
compare register:
A timer 1 or timer 2n register that contains a value that is compared to the counter value. The
compare function triggers when the counter matches the contents of the compare register.
constant:
A value that does not change during execution
CPU:
An 8-bit register-oriented processor with a status register, program counter, and stack pointer. The TMS370
CPU uses the register file, accessed in one bus cycle, as working registers.
CSDIP:
Ceramic Shrink Dual In-Line Package
CSE1:
Chip-Select Eighth 1. This signal selects the first bank of memory. It has the same timing as EDS. Setting
this pin to a high-level general-purpose output disables the bank.
CSE2:
Chip-Select Eighth 2. This signal selects the second bank of memory. It has the same timing as EDS. Setting
this pin to a high-level general-purpose output disables the bank.
CSH1:
Chip-Select Half 1. This signal selects the first bank of memory. It has the same timing as EDS. Setting this
pin to a high-level general-purpose output disables the bank.
CSH2:
Chip-Select Half 2. This signal selects the second bank of memory. It has the same timing as EDS. Setting
this pin to a high-level general-purpose output disables the bank.
CSH3:
Chip-Select Half 3. This signal selects the third bank of memory. It has the same timing as EDS. Setting this
pin to a high-level general-purpose output disables the bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com