công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8082ES bảng dữ liệu(PDF) 25 Page - Infineon Technologies AG

tên linh kiện TLE8082ES
Giải thích chi tiết về linh kiện  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES bảng dữ liệu(HTML) 25 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 21Page - Infineon Technologies AG TLE8082ES Datasheet HTML 22Page - Infineon Technologies AG TLE8082ES Datasheet HTML 23Page - Infineon Technologies AG TLE8082ES Datasheet HTML 24Page - Infineon Technologies AG TLE8082ES Datasheet HTML 25Page - Infineon Technologies AG TLE8082ES Datasheet HTML 26Page - Infineon Technologies AG TLE8082ES Datasheet HTML 27Page - Infineon Technologies AG TLE8082ES Datasheet HTML 28Page - Infineon Technologies AG TLE8082ES Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
5.3
Overtemperature protection
5.3.1
T5V Overtemperature monitoring
The T5V overtemperature monitoring protects the sensor supply T5V against high temperatures. For
temperatures above the T5V Overtemperature detection threshold, the diagnosis bit T5VOT in register
DIAG0 is set. If the temperature level is below the threshold, the diagnosis bit is reset after an SPI read out.
An Overtemperature detection hysteresis and an Overtemperature filter time are implemented.
5.3.2
COM5V Overtemperature monitoring
The COM5V overtemperature monitoring protects the communication supply COM5V against high
temperatures. For temperatures above the COM5V Overtemperature detection threshold, the diagnosis bit
COM5VOT in register DIAG0 is set. If the temperature level is below the threshold, the diagnosis bit is reset after
an SPI read out.
An Overtemperature detection hysteresis and an Overtemperature filter time are implemented.
5.4
Electrical characteristics power supplies
Table 19
Electrical characteristics power supplies
TJ = -40°C to 150°C; VVS = 10 - 18 V; VV5VI = 5 V; all voltages with respect to AGND = PGND, positive current flowing
into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
Pre-regulator
output
voltage
VV6VI
6
6.5
7
V
DS-155
Pre-regulator
voltage drop
VS to VG -
normal
operation
VVS-VG
–
–
2
V
VVS ≥ 12 V; VV6VI < 6 V
VVS-VG = VVS - VVG
capacitive load at pin VG
DS-281
Pre-regulator
delta voltage
VG to VS - low
battery
ΔVVG-VS
3.5
–
–
V
4.5 V ≤ VVS ≤ 12 V; VV6VI < 6 V
ΔVVG-VS = VVG - VVS
capacitive load at pin VG
DS-280
Capacitor at
pin VG
CVG
–
4.7
–
nF
connect to AGND
DS-158
Capacitor at
pin V6VI
CV6VI
–
20
–
μF
ICOM5V ≥ 35 mA; connect to AGND
DS-159
Capacitor at
pin CP
CCP
–
4.7
–
nF
connect to AGND; no static load
DS-160
V5VI current
consumption
IV5VI
–
–
1.5
mA
no SPI communication, power stages
disabled
DS-293
TLE8082ES
Small engine management IC
Power supply and voltage monitoring function
Datasheet
25
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com