công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3462R-E/ST bảng dữ liệu(PDF) 54 Page - Microchip Technology

tên linh kiện MCP3462R-E/ST
Giải thích chi tiết về linh kiện  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462R-E/ST bảng dữ liệu(HTML) 54 Page - Microchip Technology

Back Button MCP3462R-E/ST Datasheet HTML 50Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 51Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 52Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 53Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 54Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 55Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 56Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 57Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 54
 2020-2021 Microchip Technology Inc.
5.10
Low-Power Shutdown Modes
The device incorporates two low-power modes that can
be activated in order to limit power consumption of the
device when ADC is not used. These two modes are
called Partial Shutdown and Full Shutdown modes.
5.10.1
FULL SHUTDOWN MODE
The Full Shutdown mode can only be enabled by
sending a Fast Command Full Shutdown (Fast com-
mand code: ‘1101’). Note that the execution of this
Fast command forces the CONFIG0 to be set to 0x00
(no active block is enabled).
Full Shutdown mode is the lowest power mode of the
device. None of the circuits consuming static power are
active in this mode.
As stated in Section 5.8 “Power-on Reset”, the
AVDD/DVDD POR monitoring circuits are not active
while in Full Shutdown mode.
The part can still be accessed through the SPI interface
during this mode and will accept incoming SPI
commands. The ADCDATA register is not cleared
during Full Shutdown mode and still holds previous
conversion results. The other register settings are not
modified or reset due to entering Full Shutdown mode.
The Full Shutdown mode stops all internal timers and
resets them. Sending a Fast CMD to change the
operating mode exits the Full Shutdown mode.
The user should place all digital inputs to a static value
(logic low or high) in order to optimize power consumption
during Full Shutdown mode. The current consumption
specifications during Full Shutdown mode are intended
without any digital pin toggling during the measurement.
In this case, only leakage current is consumed throughout
the device and this current varies exponentially with
respect to absolute temperature.
5.10.2
PARTIAL SHUTDOWN MODE
Partial Shutdown mode is achieved when CONFIG0 is
set to ‘0000000x’. In this mode, most of the internal
circuits are shut down, with the exception of the POR
monitoring and internal biasing circuits. During the
Partial Shutdown mode, the power supply is continu-
ously monitored, whereas in Full Shutdown mode, the
POR monitoring circuits are powered down. The power
consumption is also much higher in Partial Shutdown
mode due to the POR monitoring circuits being active.
Partial Shutdown mode allows the device to be
restarted and put back in Conversion mode faster than
Full Shutdown mode. Table 5-11 describes the differ-
ences between Partial and Full Shutdown modes. If the
current consumption of Partial Shutdown mode is
acceptable for the application, it is recommended that
it is used as an alternative to Full Shutdown mode,
where the POR monitoring circuits are shut down and
no longer monitoring the AVDD and DVDD power
supplies.
Note:
If the digital power supply resides for a long
period of time below the POR threshold
and to a sufficiently low voltage (typically
below 0.6V), some bits previously set to ‘1’
can toggle to ‘0’ and not be set properly.
In order to ensure a safe operation after
the Full Shutdown mode, follow the
sequence of commands:
- Write LOCK register to 0xA5
- Write IRQ register to 0x03
- Send a Fast CMD Full Reset (1110)
- Reconfigure the chip as desired
This sequence ensures a recovery with
the desired settings in any loss-of-power
scenario.
TABLE 5-11:
LOW-POWER MODES(1)
Device
Low-Power Mode
VREF_SEL CONFIG0[6] CLK_SEL[1:0] CS_SEL[1:0] ADC_MODE[1:0]
Description
Partial Shutdown
0
0
00
00
0x
All peripherals, except the POR
monitoring circuits and clock bias-
ing circuits, are shut down and
consume no static current.The SPI
interface remains active in this
mode and consumes no current
while the bus is Idle.
Full Shutdown
0
0
00
00
00
All analog and digital circuits are
shut down and consume no static
current. The SPI interface remains
active in this mode and consumes
no current while the bus is Idle.
Note 1:
x = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com