công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8774 bảng dữ liệu(PDF) 20 Page - Wolfson Microelectronics plc

tên linh kiện WM8774
Giải thích chi tiết về linh kiện  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 bảng dữ liệu(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
20
The WL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10110
Interface Control
5:4
WL[1:0]
10
Input Word Length
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note: If 32-bit mode is selected in right justified mode, the WM8774 defaults to 24 bits.
In all modes, the data is signed 2’s complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8774 pads the unused LSBs with zeros. If
the DAC is programmed into 32 bit mode, the 8 LSBs are ignored.
Note: In 24 bit I
2S mode, any width of 24 bits or less is supported provided that ADCLRC/DACLRC is
high for a minimum of 24 BCLKs and low for a minimum of 24 BCLKs.
A number of options are available to control how data from the Digital Audio Interface is applied to
the DAC channels.
Control bit MS selects between audio interface Master and Slave Modes. In Master mode ADCLRC,
DACLRC and BCLK are outputs and are generated by the WM8774. In Slave mode ADCLRC,
DACLRC and BCLK are inputs to WM8774.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10111
Interface Control
8
MS
0
Audio Interface Master/Slave Mode
select:
0 : Slave Mode
1: Master Mode
MASTER MODE ADCLRC/DACLRC FREQUENCY SELECT
In Master mode the WM8774 generates ADCLRC, DACLRC and BCLK. These clocks are derived
from master clock and the ratio of MCLK to ADCLRC and DACLRC are set by ADCRATE and
DACRATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
ADCRATE[2:0]
010
Master Mode MCLK:ADCLRC
ratio select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs
10111 ADCLRC and
DACLRC frequency
select
6:4
DACRATE[2:0]
010
Master Mode MCLK:DACLRC
ratio select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
101: 768fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com