công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8774 bảng dữ liệu(PDF) 16 Page - Wolfson Microelectronics plc

tên linh kiện WM8774
Giải thích chi tiết về linh kiện  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 bảng dữ liệu(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
16
In left justified, right justified and I
2S modes, the minimum number of BCLKs per DACLRC/ADCLRC
period is 2 times the selected word length. ADCLRC/DACLRC must be high for a minimum of word
length BCLKs and low for a minimum of word length BCLKs. Any mark to space ratio on
ADCLRC/DACLRC is acceptable provided the above requirements are met.
In DSP early or DSP late mode, multiple DACs channel can be time multiplexed onto DIN. DACLRC
is used as a frame sync signal to identify the MSB of the first word. The minimum number of BCLKs
per DACLRC period is 8 times the selected word length. Any mark to space ratio is acceptable on
DACLRC provided the rising edge is correctly positioned. The ADC data may also be output in DSP
early or late modes, with ADCLRC used as a frame sync to identify the MSB of the first word. The
minimum number of BCLKs per ADCLRC period is 2 times the selected word length
LEFT JUSTIFIED MODE
In left justified mode, the MSB of DIN is sampled by the WM8774 on the first rising edge of BCLK
following a DACLRC transition. The MSB of the ADC data is output on DOUT and changes on the
same falling edge of BCLK as ADCLRC and may be sampled on the rising edge of BCLK. ADCLRC
and DACLRC are high during the left samples and low during the right samples (Figure 9).
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DIN/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 9 Left Justified Mode TIming Diagram
RIGHT JUSTIFIED MODE
In right justified mode, the LSB of DIN is sampled by the WM8774 on the rising edge of BCLK
preceding a DACLRC transition. The LSB of the ADC data is output on DOUT and changes on the
falling edge of BCLK preceding an ADCLRC transition and may be sampled on the rising edge of
BCLK. ADCLRC and DACLRC are high during the left samples and low during the right samples (
Figure 10).
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DIN/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 10 Right Justified Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com