công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4716 bảng dữ liệu(PDF) 48 Page - Microchip Technology

tên linh kiện MCP4716
Giải thích chi tiết về linh kiện  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 bảng dữ liệu(HTML) 48 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 44Page - Microchip Technology MCP4716 Datasheet HTML 45Page - Microchip Technology MCP4716 Datasheet HTML 46Page - Microchip Technology MCP4716 Datasheet HTML 47Page - Microchip Technology MCP4716 Datasheet HTML 48Page - Microchip Technology MCP4716 Datasheet HTML 49Page - Microchip Technology MCP4716 Datasheet HTML 50Page - Microchip Technology MCP4716 Datasheet HTML 51Page - Microchip Technology MCP4716 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
MCP47A1
DS25154A-page 48
 2012 Microchip Technology Inc.
8.1.1
DECREASING OUTPUT STEP SIZE
Due to the step voltage and output range of the
MCP47A1, it may be desirable to reduce the step
voltage while also modifying the range of the output. A
common method to achieve this smaller step size is a
voltage divider on the DAC’s output. Figure 8-2
illustrates this concept. Equation 8-2 shows a quick
estimation of the wiper value given the desired voltage
trip (VTRIP) point.
For example, if R1 = R2, then the VTRIP voltage range
is from VSS to 1/2 * VREF. Also at the VTRIP node, the
step voltage is 1/2 the step voltage at the VOUT node.
A bypass capacitor on the output of the voltage divider
plays a critical function in attenuating the output noise
of the DAC and the induced noise from
the
environment.
FIGURE 8-2:
Example Circuit Of Set Point
or Threshold Calibration.
EQUATION 8-2:
VOUT AND VTRIP
ESTIMATIONS
8.1.2
BUILDING A “WINDOW” DAC
When calibrating a set point or threshold of a sensor,
typically only a small portion of the DAC output range is
utilized. If the LSb size is adequate enough to meet the
application’s accuracy needs, the unused range is
sacrificed without consequences. If greater accuracy is
needed, then the output range will need to be reduced
to increase the resolution around the desired threshold.
If the threshold is not near VREF, 2 • VREF, or VSS then
creating a “window” around the threshold has several
advantages. One simple method to create this
“window” is to use a voltage divider network with a
pull-up and pull-down resistor. Figure 8-3 and Figure 8-
4 illustrate this concept.
FIGURE 8-3:
Single-Supply “Window”
DAC.
EQUATION 8-3:
VOUT AND VTRIP
ESTIMATIONS
Note:
The VOUT voltage can also be scaled by a
resistor from the VREF pin to the system
reference voltage. Care should be taken
with this implementation due to the ± 20%
variation to the 20k
 typical resistance
from the VREF pin to ground (RVREF). This
variation in resistance directly effects the
actual VOUT voltage.
R1
VCC+
VCC–
VO
I2C™
2-wire
VREF
MCP47A1
VDD
VOUT
R2
C1
Comp.
VTRIP
VSENSE
VOUT = N * VS
VS = VREF / 64
R2
R1 + R2
VTRIP = VOUT *
R1
VCC+
VCC–
VO
I2C™
2-wire
VREF
MCP47A1
VDD
VOUT
R2
C1
R3
VCC+
VCC–
RSENSE
Comp.
VTRIP
VOUT = N * VS
VS = VREF / 64
VOUT * R23 + V23 * R1
R1 + R23
VTRIP =
R1
R23
V23
VOUT
VTRIP
Thevenin
Equivalent
R2 * R3
R2 + R3
R23 =
(VCC+ * R2) * (VCC- * R3)
R2 + R3
V23 =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com