công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4716 bảng dữ liệu(PDF) 31 Page - Microchip Technology

tên linh kiện MCP4716
Giải thích chi tiết về linh kiện  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 bảng dữ liệu(HTML) 31 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 27Page - Microchip Technology MCP4716 Datasheet HTML 28Page - Microchip Technology MCP4716 Datasheet HTML 29Page - Microchip Technology MCP4716 Datasheet HTML 30Page - Microchip Technology MCP4716 Datasheet HTML 31Page - Microchip Technology MCP4716 Datasheet HTML 32Page - Microchip Technology MCP4716 Datasheet HTML 33Page - Microchip Technology MCP4716 Datasheet HTML 34Page - Microchip Technology MCP4716 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 31
MCP47A1
5.2.5
STOP BIT
The Stop bit (see Figure 5-6) indicates the end of the
I2C Data Transfer Sequence. The Stop bit is defined as
the SDA signal rising when the SCL signal is “High”.
A Stop bit resets the I2C interface of the other devices.
FIGURE 5-6:
Stop Condition Receive or
Transmit Mode.
5.2.6
CLOCK STRETCHING
“Clock Stretching” is something that the secondary
device can do, to allow additional time to “respond” to
the “data” that has been received.
The MCP47A1 will not stretch the clock signal (SCL)
since memory read accesses occur fast enough.
5.2.7
ABORTING A TRANSMISSION
If any part of the I2C transmission does not meet the
command format, it is aborted. This can be intentionally
accomplished with a START or STOP condition. This is
done so that noisy transmissions (usually an extra
START or STOP condition) are aborted before they
corrupt the device.
5.2.8
IGNORING AN I2C TRANSMISSION
AND “FALLING OFF” THE BUS
The MCP47A1 expects to receive entire, valid I2C com-
mands and will assume any command not defined as a
valid command is due to a bus corruption, and will enter
a passive high condition on the SDA signal. All signals
will be ignored until the next valid START condition and
CONTROL BYTE are received.
FIGURE 5-7:
Typical 16-bit I2C Waveform Format.
FIGURE 5-8:
I2C Data States and Bit Sequence.
SCL
SDA A / A
P
1st
SDA
SCL
S
2nd 3rd 4th 5th 6th 7th 8th
P
A/A
Bit Bit
Bit Bit Bit Bit Bit Bit
1st 2nd 3rd 4th 5th 6th 7th 8th A/A
Bit Bit
Bit Bit Bit Bit Bit
Bit
SCL
SDA
START
Condition
STOP
Condition
Data allowed
to change
Data or
A valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com