công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4716 bảng dữ liệu(PDF) 37 Page - Microchip Technology

tên linh kiện MCP4716
Giải thích chi tiết về linh kiện  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 bảng dữ liệu(HTML) 37 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 33Page - Microchip Technology MCP4716 Datasheet HTML 34Page - Microchip Technology MCP4716 Datasheet HTML 35Page - Microchip Technology MCP4716 Datasheet HTML 36Page - Microchip Technology MCP4716 Datasheet HTML 37Page - Microchip Technology MCP4716 Datasheet HTML 38Page - Microchip Technology MCP4716 Datasheet HTML 39Page - Microchip Technology MCP4716 Datasheet HTML 40Page - Microchip Technology MCP4716 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 37
MCP47A1
6.0
RESISTOR NETWORK
The Resistor Network is made up of an RAB resistor
ladder. The RAB resistor has a typical resistance of
20 k
. Figure 6-1 shows a block diagram for the
resistor network and output buffer. The resistance from
the VREF pin to ground is referred to as RVREF.
The 7-bit I2C Data Byte (00h - 7Fh) is decoded to the 6-
bit wiper value (00h - 40h).
Section 6.3 describes the
Serial Shift buffer to Wiper register decoding.
6.1
RVREF Resistance
RVREF resistance is the resistance from the VREF pin to
ground and is the RAB resistances. Equation 6-1 shows
how to calculate RVREF.
6.1.1
VREF PIN CURRENT (IVREF)
The current into the VREF pin is dependent on the volt-
age on the VREF pin (VREF) and the RVREF resistance.
The VREF pin’s voltage source current capability should
support a resistive load that is the minimum RVREF
resistance.
EQUATION 6-1:
CALCULATING RVREF
6.2
RAB Resistor Ladder
The RAB resistor ladder is a digital potentiometer in a
voltage divider configuration. The RAB resistor ladder
has 64 RS resistors in series. This resistor ladder has
65 wiper taps which allow wiper connectivity to the
bottom (terminal B), Zero-Scale, and the top (terminal
A), Full-Scale, of the resistor ladder (see Figure 6-1).
With an even number of RS resistors in the RAB ladder,
when the wiper is at the Mid-Scale value, VOUT equals
VREF / 2. The RAB resistance also includes the RFS and
RZS resistances (see Section 6.2.2). The RAB (and RS)
resistance has small variations over voltage and
temperature. The typical RAB resistance is 10k .
6.2.1
THE WIPER
The value in the volatile wiper register selects which
analog switch to close, connecting the W terminal to
the selected node of the resistor ladder. The Wiper reg-
ister value is derived from the Serial Shift Register
value (see
Section 6.3).
Any variation of the wiper resistance does not effect the
voltage at the W terminal, and therefore the input of the
output buffer.
6.2.2
RFS AND RZS RESISTORS
The RFS and RZS resistances are artifacts of the RAB
resistor implementation. These resistors are included
in the block diagram to help better model the actual
device operation. Equation 6-2 shows how to estimate
the RS, RFS, and RZS resistances, based on the
measured voltages of VREF, VFS, and VZS and the
measured current IVREF.
EQUATION 6-2:
ESTIMATING RS, RFS,
AND RZS
RVREF =
(VREF)
(IVREF)
VREF is the voltage on the VREF pin.
IVREF is the current into the VREF pin.
VFS is the VOUT voltage when the wiper code is at
full-scale.
VZS is the VOUT voltage when the wiper code is at
zero-scale.
RFS =
VREF
IVREF
RZS =
VZS
IVREF
VS =
( VFS - VZS )
64
Where:
RS =
VS
IVREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com