công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP37D11-80E/TE bảng dữ liệu(PDF) 53 Page - Microchip Technology

tên linh kiện MCP37D11-80E/TE
Giải thích chi tiết về linh kiện  80 Msps, 12-Bit High-Pre cision Pipelined ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80E/TE bảng dữ liệu(HTML) 53 Page - Microchip Technology

Back Button MCP37D11-80E/TE Datasheet HTML 49Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 50Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 51Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 52Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 53Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 54Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 55Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 56Page - Microchip Technology MCP37D11-80E/TE Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 136 page
background image
 2020 Microchip Technology Inc.
DS20006381A-page 53
MCP37D11-80: 80 MSPS 12-BIT PIPELINED ADC
4.8.4.2
Dual-Channel DDC
Figure 4-18
shows
the
dual-channel
DDC
configuration. Each channel includes the same
processing elements as shown in the single-channel
DDC, however the I/Q outputs cannot be separately
decimated since the device only supports two channels
of decimation (four would be required for I/Q of
Channel A and I/Q of Channel B). The decimation
option can be used if the DDC output after the half-
band filter is up-converted by fS/8 for each channel.
Otherwise, I/Q of each channel will be output
separately, similar to a four-channel input device with
the WCK output pin toggling synchronously with the I-
data of Channel A. Note that the NCO phase can be
adjusted uniquely for each of the two input channels
(see Figure 4-19). Examples of setting registers for
selected output type are shown in Tables 4-19 and 4-
20.
FIGURE 4-18:
Simplified DDC Block Diagram for Dual-Channel Mode. See Tables 4-19 and 4-20 for
Using this DDC Block.
Half-Band Filter A
LP/HP
NCO (32-bit)
NCO (fS/8)
Half-Band Filter B
LP/HP
CH. B
CH. A
IA
QA
IB
QB
RealA
RealB
QB
IB
EN_DDC1
Down-Converting and Decimation (Note 1)
HBFILTER_B
HBFILTER_A
EN_DDC2
(Note 3)
(Note 3)
EN_DDC_FS/8
Output Frequency Translation and Decimation (Note 1)
EN_NCO
(Note 2)
IA
QA
COS
ADC
Data:
SIN
COS
SIN
Note 1: See Address 0x80 – 0x81 for the Control Parameters.
2: See Figure 4-19 for details of NCO control block.
3: Half-band Filter A and B include a single-stage decimation filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com