| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9963E bảng dữ liệu(PDF) 156 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E bảng dữ liệu(HTML) 156 Page - STMicroelectronics |
|
156 / 184 page ![]() 6.11.2 Centralized BMS In the centralized approach, a single PCB holds the whole BMS circuitry. It features both Low Voltage and High Voltage domains. • L9963E in the High Voltage domain are configured with SPIEN = 0, communicating on the vertical interface through isolated SPI, implementing Capacitive-Based Insulation • L9963E in the Low Voltage domain as SPI Slave, translating commands sent by the MCU via SPI to differential signals propagating through the vertical interface (and vice-versa). It implements Transformer- Based Insulation Figure 50. Centralized BMS MCU SDI SDO SCK SCS SDO SDI NCS SCK L9963T ISOP ISOM LOW VOLTAGE PCB DOMAIN L9963E HIGH VOLTAGE PCB DOMAIN L9963E SLAVE 2 L9963E SLAVE 3 L9963E SLAVE N ISOLP_SDI ISOLM_NCS ISOHP ISOHM ISOLP_SDI ISOLM_NCS ISOHP ISOHM ISOLP_SDI ISOLM_NCS ISOHP ISOHM ISOLP_SDI ISOLM_NCS ISOHP ISOHM isotx_en_h = 0 SLAVE 1 BMS (Slave Unit) BMS (Slave Unit) BMS (Slave Unit) BMS (Slave Unit) L9963E Communication architectures DS13636 - Rev 4 page 156/184 |