| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9963E bảng dữ liệu(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E bảng dữ liệu(HTML) 110 Page - STMicroelectronics |
|
110 / 184 page ![]() Register Name Field name Description GPI3 Value read on GPIO RO 2 1 0x0 B Noreg1 RO 1 1 0x0 X Noreg0 RO 0 1 0x0 X GPIO9_3_CONF 0x14 GPIO9_CONFIG RW 16 2 0x0 A 00 → Analog input 01 → Not to be used 10 → Digital input 11 → Digital output GPIO8_CONFIG RW 14 2 0x2 A GPIO7_CONFIG RW 12 2 0x2 A GPIO6_CONFIG RW 10 2 0x0 A GPIO5_CONFIG RW 8 2 0x0 A GPIO4_CONFIG RW 6 2 0x0 A GPIO3_CONFIG RW 4 2 0x0 A GPIO7_WUP_EN RW 3 1 0x0 A 0 → GPIO7 not used as wake up input 1 → GPIO7 used as wake up input Noreg2 RO 2 1 0x0 X Noreg1 RO 1 1 0x0 X Noreg0 RO 0 1 0x0 X GPIO3_THR 0x15 GPIO3_OT_TH RW 9 9 0x0 A Determines GPIO3 overtemperature threshold See Table 48 GPIO3_UT_TH RW 0 9 0x0 A Determines GPIO3 undertemperature threshold See Table 48 GPIO4_THR 0x16 GPIO4_OT_TH RW 9 9 0x0 A Determines GPIO4 overtemperature threshold See Table 48 GPIO4_UT_TH RW 0 9 0x0 A Determines GPIO4 undertemperature threshold See Table 48 GPIO5_THR 0x17 GPIO5_OT_TH RW 9 9 0x0 A Determines GPIO5 overtemperature threshold See Table 48 GPIO5_UT_TH RW 0 9 0x0 A Determines GPIO5 undertemperature threshold See Table 48 GPIO6_THR 0x18 GPIO6_OT_TH RW 9 9 0x0 A Determines GPIO6 overtemperature threshold L9963E Register map DS13636 - Rev 4 page 110/184 |