| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9963E bảng dữ liệu(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E bảng dữ liệu(HTML) 103 Page - STMicroelectronics |
|
103 / 184 page ![]() Register Name Field name Description fastch_baluv 0x2 CommTimeout RW 16 2 0x0 A Configures the communication timeout See Table 11 Gpio_fastchg_OT_delta_th r RW 8 8 0x0 A Determines the fastcharge overtemperature threshold See Table 48 Vcell_bal_UV_delta_thr RW 0 8 0x0 A Determines the balancing undervoltage threshold See Table 39 Bal_1 0x3 comm_timeout_dis RW 17 1 0x0 A 0 → Communication timeout enabled 1 → Communication timeout disabled slp_bal_conf RW 16 1 0x0 A 0 → Silent balancing disabled 1 → Silent balancing enabled bal_start RW 15 1 0x0 A 10 → balancing start 01 → balancing stop Others → no effect bal_stop RW 14 1 0x0 A TimedBalTimer RO 7 7 0x0 A Balancing timer. Resolution depends on TimedBalacc See Table 43 WDTimedBalTimer RO 0 7 0x0 A Balancing timer watchdog. Resolution depends on TimedBalacc See Table 43 Bal_2 0x4 Balmode RW 16 2 0x1 A 01 → Manual balancing 10 → Timed balancing Others → No effect TimedBalacc RW 15 1 0x0 A Selects balancing timer resolution See Table 43 ThrTimedBalCell14 RW 8 7 0x0 A Timed balancing threshold for cell 14 Noreg7 RO 7 1 0x0 X ThrTimedBalCell13 RW 0 7 0x0 A Timed balancing threshold for cell 13 Bal_3 0x5 first_wup_done RO 17 1 0x0 A 0 → First powerup not properly done 1 → First powerup ended successfully trimming_retrigger RW 16 1 0x0 B Triggers NVM download Refer to Section 4.10.1 NVM read Lock_isoh_isofreq RW 15 1 0x0 B 0 → isotx_en_h and iso_freq_sel are unlocked L9963E Register map DS13636 - Rev 4 page 103/184 |