công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX3968C/DW bảng dữ liệu(PDF) 5 Page - Maxim Integrated Products

tên linh kiện MAX3968C/DW
Giải thích chi tiết về linh kiện  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3968C/DW bảng dữ liệu(HTML) 5 Page - Maxim Integrated Products

  MAX3968C/DW Datasheet HTML 1Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 2Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 3Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 4Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 5Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 6Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 7Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 8Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
_______________________________________________________________________________________
5
Pin Description
PIN
QSOP
QFN
NAME
FUNCTION
1
19
SQUELCH
Squelch Input. The squelch function disables the data outputs by forcing OUT- low and OUT+
high during a loss-of-signal condition. Connect to GND or leave unconnected to disable.
Connect to VCC to enable squelching.
2
20
VTH
Output of Internal Op Amp that Sets Loss-of-Signal Threshold Voltage (Figure 1). Connect a
resistor from VTH to INV and from INV to ground (minimum resistance 100k
Ω) to program the
desired threshold voltage.
31
INV
Inverting Input of Internal Op Amp that Sets Loss-of-Signal Threshold Voltage (Figure 1).
Connect a resistor from VTH to INV and from INV to ground (minimum resistance 100k
Ω) to
program the desired threshold voltage.
42
FILTER
Filter Output of Full-Wave Logarithmic Detectors (FWDs). The FWD outputs are summed
together at FILTER to generate the received-signal-strength indicator (RSSI). Connect a
capacitor from FILTER to VCC for proper operation.
53
RSSI
Received-Signal-Strength Indicator Output. The analog DC voltage at RSSI indicates the input
signal power. The RSSI output is reduced approximately 120mV when LOS+ is asserted.
64
IN-
Inverting Data Input
75
IN+
Noninverting Data Input
8—
SUB
Substrate. Connect to ground.
9, 10
6, 7, 8
GND
Ground
11
9
CZP
Auto-Zero Capacitor Input. Connect a capacitor between CZP and CZN to determine the offset-
correction-loop bandwidth.
12
10
CZN
Auto-Zero Capacitor Input. Connect a capacitor between CZP and CZN to determine the offset-
correction-loop bandwidth.
13
11
VCCO
Output Buffer Supply Voltage. Connect to the same potential as VCC, but filter VCCO and VCC
separately.
14
12
OUT+
Noninverting PECL Data Output. Terminate with 50
Ω to (VCC - 2V).
15
13
OUT-
Inverting PECL Data Output. Terminate with 50
Ω to (VCC - 2V).
16
14
LOS-
Inverting Loss-of-Signal Output. LOS- is asserted low when input power drops below the LOS
threshold. For the MAX3964/MAX3968, this pin is PECL compatible and should be terminated
with 50
Ω to (VCC - 2V). For the MAX3965, this outpt is TTL compatible and does not require
termination.
17
15
LOS+
Noninverting Loss-of-Signal Output. LOS+ is asserted high when input power drops below the
LOS threshold. For the MAX3964/MAX3968, this pin is PECL compatible and should be
terminated with 50
Ω to (VCC - 2V). For the MAX3965, this output is TTL compatible and does not
require termination.
VCCO
MAX3964/MAX3968: This pin can be left open or connected to the positive supply.
18
16
GNDO
MAX3965: This pin must be connected to ground.
19, 20
17, 18
VCC
+3.0V to +5.5V Supply Voltage
—EP
Exposed
Pad
Connect the exposed pad to board ground for optional electrical and thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com