công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX3968C/DW bảng dữ liệu(PDF) 7 Page - Maxim Integrated Products

tên linh kiện MAX3968C/DW
Giải thích chi tiết về linh kiện  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3968C/DW bảng dữ liệu(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3968C/DW Datasheet HTML 3Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 4Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 5Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 6Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 7Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 8Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 9Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 10Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
_______________________________________________________________________________________
7
sensitivity. The offset-correction circuitry is less sensi-
tive to variations of input duty cycle (for example, the
40% to 60% duty cycle encountered in 4B/5B coding)
when the input is less than 30mVp-p.
Loss-of-Signal Comparator
The LOS comparator indicates when the input signal
power is below the programmed LOS threshold. To
ensure supply and temperature independence, VTH is
generated by a 1.2V bandgap reference. The op amp’s
external gain-setting resistors (R1 and R2) can be
chosen to set VTH between 1.2V and 2.4V. To ensure
chatter-free operation, the LOS comparator is designed
with approximately 5dB of hysteresis.
Squelch
The squelch function disables the data outputs by forc-
ing OUT- low and OUT+ high during a LOS condition.
This function ensures that when there is a loss of sig-
nal, the limiting amplifier (and all downstream devices)
does not respond to input noise or corrupt data.
Connect SQUELCH to GND or leave it unconnected to
disable squelch. Connect SQUELCH to VCC to enable
data squelching.
Applications Information
Program the LOS Threshold
Figure 2 provides information for selecting the LOS
threshold voltage (VTH). If R1 is 100kΩ and if the
responsivities of the photodiode and preamplifier are
known, then the value of R2 can be selected from
Figure 2 to provide LOS assert at the desired input
power.
Select Capacitors
A typical MAX3964/MAX3965/MAX3968 implementation
requires four external capacitors (CAZ, CFILTER, and
two input coupling capacitors). For all applications up
to 266Mbps, Maxim recommends the following:
CAZ = 27nF
CFILTER = 10nF
CIN = 10nF
Wire Bonding
For high-current density and reliable operation, the
MAX3964 series uses gold metalization. Diepad size is
4mils square with a 6mil pitch. Die thickness is 15mils.
0
20
80
60
40
120
100
-40
-36
-34
-38
-32
-30
-28
-26
OPTICAL INPUT POWER AT LOS ASSERT (dBm)
200kV/W
30kV/W
10kV/W
15kV/W
20kV/W
100kV/W
Figure 2. LOS Assert Programming Resistor vs. LOS Assert
Power (for various PIN-TIA gains )
PART
DATA RATE (Mbps)
LOS OUTPUTS
MAX3964
125 to 155
PECL
MAX3965
125 to 155
TTL
MAX3968
125 to 266
PECL
Selector Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com