công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATSAM3308 bảng dữ liệu(PDF) 7 Page - ATMEL Corporation

tên linh kiện ATSAM3308
Giải thích chi tiết về linh kiện  Combined MIDI-Synthesizer and MP3 Decoder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308 bảng dữ liệu(HTML) 7 Page - ATMEL Corporation

Back Button ATSAM3308 Datasheet HTML 3Page - ATMEL Corporation ATSAM3308 Datasheet HTML 4Page - ATMEL Corporation ATSAM3308 Datasheet HTML 5Page - ATMEL Corporation ATSAM3308 Datasheet HTML 6Page - ATMEL Corporation ATSAM3308 Datasheet HTML 7Page - ATMEL Corporation ATSAM3308 Datasheet HTML 8Page - ATMEL Corporation ATSAM3308 Datasheet HTML 9Page - ATMEL Corporation ATSAM3308 Datasheet HTML 10Page - ATMEL Corporation ATSAM3308 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
ATSAM3308
6090A–DRMSD–08/04
RD
2
In
5
Slave 8-bit interface read, active low. D7 - D0 data is output when RD
goes low and CS is low
R|B
2
In
5
SmartMedia Ready Busy/ status
P0.13
2
In
5
General-purpose input pin
IRQ
8
Out
6
Slave 8-bit interface interrupt request. High when data is ready to be
transferred from chip to host. Reset by a read from host (CS = 0 and RD = 0)
SMRE
8
Out
6
SmartMedia read enable (RE), active low
FS0
8
In
6
Frequency sense, sensed at power up. Together with FS1, allows the
firmware to know the operating frequency of the chip (see FS1).
P0.8
8
I/O
6
General-purpose I/O pin
INT
8
Out
6
Serial slave synchronous interface data request, active low.
MIDI_IN
17
In
7
Serial MIDI in
P0.14
17
In
7
General-purpose input pin
SDIN
17
In
7
Serial slave synchronous interface input data
MIDI_OUT
18
Out
8
Serial MIDI out
FS1
18
In
8
Frequency sense, sensed at power up. FS1/FS0 allow firmware to know
operating frequency of chip as follows:
00
6.9552 MHz
01
9.6 MHz
10
11.2896 MHz
11
12.288 MHz
P0.9
18
I/O
8
General-purpose I/O
DABD3 - 0
67, 66, 65, 64
Out
-
Four stereo channels of digital audio output, I2S format
CLBD
6
Out
-
Audio bit clock for DABD3 - 0. Audio bit clock for DAAD3 - 0 if the
corresponding CLAD3 - 0 is not used.
WSBD
7
Out
-
Audio left/right channel select for DABD3 - 0. Audio left/right channel for
DAAD3 - 0 if the corresponding WSAD3 - 0 is not used.
CKOUT
5
Out
-
External DAC/Codec master clock. Same frequency as X2 pin. Can be
programmed to be 128xFs, 192xFs, 256xFs, 384xFs, where Fs is the
DAC/Codec sampling rate.
DAAD0
54
In
9
Stereo audio data input, I2S format. Can operate on CLBD master rate
or CLAD0 external rate when sampling rate conversion is requested.
P0.15
54
In
9
General-purpose input pin
DAAD3 - 1
60, 59, 55
In
Pd
-
Three additional channels of stereo audio input, I2S format. Can
individually operate on CLBD master rate or corresponding CLAD3 - 1
when sampling rate conversion is requested.
DAAD3 - 1 have built-in pull-downs. They may be left open if not used.
MUTE
19
I/O
10
External DAC/Codec Mute. Sensed at power up. If found high, then
MUTE becomes an active high output. If found low, then MUTE becomes
an active low output.
P1.6
19
I/O
10
General-purpose I/O pin
WA21
45
Out
11
External memory address bit, extension to 64 Mbits
Table 2. Pinout by Pin Name (Continued)
Pin Name
Pin Number
Type
Sharing
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24