| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO6721 bảng dữ liệu(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO6721 bảng dữ liệu(HTML) 42 Page - Texas Instruments |
|
42 / 54 page ![]() 14.2 Tape and Reel Information Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Reel Diameter User Direction of Feed P1 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant XISO6720QDWVRQ1 SOIC DWV 8 1000 330.0 16.4 12.05 6.15 3.3 16.0 16.0 Q1 XISO6720FQDWVRQ1 SOIC DWV 8 1000 330.0 16.4 12.05 6.15 3.3 16.0 16.0 Q1 XISO6721QDWVRQ1 SOIC DWV 8 1000 330.0 16.4 12.05 6.15 3.3 16.0 16.0 Q1 XISO6721FQDWVRQ1 SOIC DWV 8 1000 330.0 16.4 12.05 6.15 3.3 16.0 16.0 Q1 XISO6720BQDRQ1 SOIC D 8 3000 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 XISO6720FBQDRQ1 SOIC D 8 3000 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 XISO6721BQDRQ1 SOIC D 8 3000 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 XISO6721FBQDRQ1 SOIC D 8 3000 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 ISO6720-Q1, ISO6721-Q1 SLLSFF5C – JANUARY 2020 – REVISED MARCH 2021 www.ti.com 42 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: ISO6720-Q1 ISO6721-Q1 |