| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GC5316 bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
GC5316 bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 75 page ![]() GC5316 SLWS154A − JANUARY 2004 − REVISED MARCH 2004 www.ti.com 25 3 GC5316 Transmit Transm it Output D ata (to D/ As) DUCs 2−9 txin_0_a txin_0_b txin_1_a txin_1_a txin_10_a txin_10_b txin_11_a txin_11_b tx_syn c_out_0 tx_syn c_out_5 DU C 11 2 CDMA2000 or 1 UMTS DUC 1 0 2 CDMA2000 or 1 UMTS DUC 1 2 CDMA2000 or 1 UMTS DU C 0 2 CDMA2000 or 1 UMTS Tra nsm it Ou tpu t I nte rface I/Q CD MA Ch A I/Q CD MA Ch B IU MTS QU MTS Fra me sync for DU C 10 & 11 Fra me sync for DU C 0 & 1 DU C 11 Inputs: (baseband data) I/Q CD MA Ch A I/Q CD MA Ch B IU MTS QU MTS DU C 10 Inputs: I/ Q C DMA C h A I/ Q C DMA C h B IUMT S QUMT S DUC 1 Inp uts: I/ Q C DMA C h A I/ Q C DMA C h B IUMT S QUMT S DUC 0 Inp uts: txclk Transmit Syncs tx_synca tx_syncb tx_syncc tx_syncd Transmit Input Syncs tx_sync_out SumChain Out Sum Chain SumChain Sum Chain For UMTS For CDMA Figure 20. Transmit Section The GC5316 transmit section provides up to 24 CDMA2000 or 12 UMTS digital upconversion (DUC) channels. There are 12 DUC blocks, DUC 0 through DUC 11. Each block can be configured as a single UMTS channel or two CDMA channels. |