| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9546/PCBZ bảng dữ liệu(PDF) 152 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546/PCBZ bảng dữ liệu(HTML) 152 Page - Analog Devices |
|
152 / 205 page ![]() AD9546 Data Sheet Rev. 0 | Page 152 of 205 TRANSLATION PROFILE VALIDATION PROCEDURE YES NO REG 0x3001, BIT 1 = 1? TRANSLATION PROFILE 0.2 ENABLED? NO REG 0x1240, BIT 0 = 1? REG 0x3100, BIT 5 = 1? REG 0x3020, BIT 4 = 1? REG 0x3201, BIT 0 = 1? REG 0x1243, BIT 0 = 0? REG 0x1243, BIT 1 = 0? REG 0x3100, BIT 3 REG 0x1241, BITS[4:0] = 1? SYSTEM CLOCK STABLE? VALID INVALID APLL0 CALIBRATED? NO APLL0 LOCKED? NO REFA, REFAA, REFB, REFBB, Aux REF0, REF1, REF2, REF3 OR IUTS0/IUTS1? NO 0 TO 3,6,7, 11 TO 14? = REG 0x1241, BITS[4:0] REG 0x1241, BITS[4:0] 8 OR 9? = AUX NCO 0 OR 1? NO DPLL1 FEEDBACK? NO = 5? DPLL1 FREERUN? NO DPLL1 HOLDOVER? NO APLL1 CALIBRATED? NO APLL1 LOCKED? NO YES YES YES YES YES YES YES YES YES AUX REF1 VALID? NO YES REFERENCE SOURCE VALIDATION EXAMPLE EXAMPLE NO YES TRANSLATION PROFILE 0.2 BUILDOUT EXAMPLE NO YES TRANSLATION PROFILE 0.2 HITLESS EXAMPLE YES YES NO TRANSLATION PROFILE 0.2 EXTERNAL ZERO DELAY NO NO EXAMPLE TRANSLATION PROFILE 0.2 INTERNAL ZERO DELAY EXAMPLE ENTER EXIT 0.2 DISTRIBUTION FEEDBACK PATH SYNCED (OR SYNC REQUEST AWAITING TRIGGER)? DISTRIBUTION FEEDBACK CHANNEL NOT POWERED DOWN? YES EXTERNAL ZERO DELAY REFERENCE SOURCE VALID? NOTES 1. A RANGE OF ADDRESSES OR BITS USES A COLON SEPARATOR 2. REGISTER ADDRESSES ARE SPECIFIC TO DPLL0, TRANSLATION PROFILE 0.2 (EXAMPLE), AND AUXILIARY REF1 (EXAMPLE) REG 0x3201, BIT 1 = 1? REG 0x3200, BIT 5 = 1? REG 0x3200, BIT 3 = 1? YES Figure 104. Flowchart for Translation Profile Validation |