| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9546/PCBZ bảng dữ liệu(PDF) 153 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546/PCBZ bảng dữ liệu(HTML) 153 Page - Analog Devices |
|
153 / 205 page ![]() Data Sheet AD9546 Rev. 0 | Page 153 of 205 NO PRIORITY SELECTION PROCEDURE ENTER EXIT IDENTIFY ALL VALID PROFILES IDENTIFY THE PROFILE AS PROFILE x.a SELECT PROFILE x.a FAIL PASS IS THERE AN ACTIVE PROFILE? YES SELECT PROFILE x.b NO IDENTIFY THE PROFILE AS PROFILE x.b YES IS THERE A VALID PROFILE? YES NO NO NOTE THE PROFILE IN THE LIST WITH THE LOWEST PRIORITY VALUE NOTE THE VALID PROFILE WITH THE LOWEST PRIORITY VALUE IDENTIFY THE PROFILE AS PROFILE x.a IS PROFILE x.a VALID ? YES NO LIST ALL VALID PROFILES EXCLUDING PROFILE x.a IS THERE A VALID PROFILE IN THE LIST? IS THE PROFILE x.b PRIORITY VALUE AT LEAST 8 LESS THAN THE PROFILE x.a PRIORITY VALUE? YES Figure 105. Priority-Based Translation Profile Selection Flowchart |