công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9546/PCBZ bảng dữ liệu(PDF) 148 Page - Analog Devices

tên linh kiện AD9546/PCBZ
Giải thích chi tiết về linh kiện  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ bảng dữ liệu(HTML) 148 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 144Page - Analog Devices AD9546/PCBZ Datasheet HTML 145Page - Analog Devices AD9546/PCBZ Datasheet HTML 146Page - Analog Devices AD9546/PCBZ Datasheet HTML 147Page - Analog Devices AD9546/PCBZ Datasheet HTML 148Page - Analog Devices AD9546/PCBZ Datasheet HTML 149Page - Analog Devices AD9546/PCBZ Datasheet HTML 150Page - Analog Devices AD9546/PCBZ Datasheet HTML 151Page - Analog Devices AD9546/PCBZ Datasheet HTML 152Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 148 of 205
Manual Translation Profile Selection with Fallback to
Priority-Based Translation Profile Selection
In the manual translation profile selection with fallback to
priority-based translation profile selection mode (Bits[3:2] = 1
decimal), the user specifies a particular translation profile for
manual operation in the same manner as described in the
Manual Translation Profile Selection with Fallback to Holdover
section. However, if the selected profile is not valid, rather than
switching to holdover mode, the DPLL attempts to use the
priority-based selection process (see the Automatic, Priority-
Based Translation Profile Selection section for a description of
priority-based selection). If the DPLL is unable to find a
translation profile per the priority selection process, the DPLL
switches to holdover or freerun operation per Figure 103.
Automatic, Priority-Based Translation Profile Selection
The priority associated with a particular translation profile
depends on the programmed value of Bits[5:1] of the following
register addresses: 0x1200, 0x1220, 0x1240, 0x1260, 0x1280,
and 0x12A0 for DPLL0 and 0x1600, 0x1620, 0x1640, 0x1660,
0x1680, and 0x16A0 for DPLL1. A lower value of Bits[5:1]
means a higher priority of the associated input reference
source. That is, 31 is the lowest (least favored) selection
priority, and 0 is the highest (most favored) selection priority.
In the automatic, priority-based translation profile selection
mode (Bits[3:2] = 0 decimal), the DPLL relies solely on the
automatic priority selection process shown in Figure 105 for
choosing a translation profile. However, if the DPLL is unable
to find a translation profile per the priority selection process,
the DPLL switches to holdover or freerun operation per
Figure 103.
As shown in Figure 105, the DPLL selects the most favored
translation profile when the current profile becomes invalid.
Translation Profile Validation
As shown in Figure 102, the manual and automatic translation
profile selection modes require validation of the selected
translation profile. Figure 104 shows a flowchart of the
translation profile validation process.
Part of the translation profile validation process requires
verification of the validity of the reference source associated
with the translation profile. Because the reference source
associated with a translation profile can be any of the following
five different source types (per Table 75), determining what
constitutes a valid reference depends on the source type:
REFA, REFAA, REFB, or REFBB reference input
Auxiliary REF0, auxiliary REF1, auxiliary REF2, or
Auxiliary REF3
IUTS0 or IUTS1
Auxiliary NCO 0 or NCO 1
DPLL0/DPLL1 feedback path
Figure 104 shows the source dependent validation decisions in
the reference source validation portion of the flowchart.
Revertive and Nonrevertive Reference Switching
Revertive reference switching means that if the reference
associated with a translation profile (Translation Profile 0, for
example) becomes invalid and the DPLL switches to a new
translation profile (Translation Profile 1, for example), and the
reference associated with Translation Profile 0 becomes valid
again, the DPLL switches back (reverts) to Translation Profile 0,
even though the reference associated with Translation Profile 1
is valid.
Nonrevertive reference switching means that if the reference
associated with a translation profile (Translation Profile 0.0, for
example) becomes invalid and the DPLL switches to a new
translation profile (Translation Profile 0.1, for example), the
DPLL continues to use Translation Profile 0.1 even if the
reference associated with Translation Profile 0.0 becomes valid
again. See the Automatic, Priority-Based Translation Profile
Selection section on how to assign a priority value to a
translation profile.
The automatic, priority-based translation profile selection
process provides for revertive and nonrevertive reference
switching using the difference between the priority of the
current translation profile and the priority of the previous
switched from translation profile to make the revertive or
nonrevertive decision. Specifically, if the priority value of the
current translation profile is at least 8 more than the priority
value of the switched from translation profile, the current
translation profile has significantly lower priority than the
switched from translation profile. Therefore, the DPLL reverts
to the switched from translation profile as soon as its reference
source becomes valid. Alternatively, if the priority value of the
current translation profile is 0 to 7 more than the priority value
of the switched from translation profile, the current translation
profile has only marginally lower priority than the switched
from translation profile. Therefore, the DPLL does not revert,
but remains with the current translation profile until its
reference source becomes invalid (or the user selects a new
translation profile manually).
In summary, the priority separation between the current
translation profile and the previously switched from translation
profile determines whether reference switching is revertive or
nonrevertive. Specifically, revertive switching requires the
priority value of the switched from translation profile to be at
least 8 lower than the priority value of the current translation
profile. Otherwise, nonrevertive reference switching applies.
That is, a priority separation of 8 marks the boundary between
revertive and nonrevertive reference switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More