công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZFE bảng dữ liệu(PDF) 84 Page - Texas Instruments

tên linh kiện TMS320C28343ZFE
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZFE bảng dữ liệu(HTML) 84 Page - Texas Instruments

Back Button TMS320C28343ZFE Datasheet HTML 80Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 81Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 82Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 83Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 84Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 85Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 86Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 87Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 170 page
background image
7.9.6.9 XHOLD and XHOLDA Timing
If the HOLD mode bit is set while XHOLD and XHOLDA are both low (external bus accesses granted), the
XHOLDA signal is forced high (at the end of the current cycle) and the external interface is taken out of high-
impedance mode.
On a reset ( XRS), the HOLD mode bit is set to 0. If the XHOLD signal is active low on a system reset, the bus
and all signal strobes must be in high-impedance mode, and the XHOLDA signal is also driven active low.
When HOLD mode is enabled and XHOLDA is active low (external bus grant active), the CPU can still execute
code from internal memory. If an access is made to the external interface, the CPU is stalled until the XHOLD
signal is removed.
An external DMA request, when granted, places the following signals in a high-impedance mode:
XA[19:0]
XZCS0
XD[31:0], XD[15:0]
XZCS6
XWE0, XWE1, XRD
XZCS7
XR/ W
All other signals not listed in this group remain in their default or functional operational modes during these
signal events.
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
www.ti.com
84
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com