công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZFE bảng dữ liệu(PDF) 34 Page - Texas Instruments

tên linh kiện TMS320C28343ZFE
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZFE bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button TMS320C28343ZFE Datasheet HTML 30Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 31Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 32Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 33Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 34Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 35Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 36Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 37Page - Texas Instruments TMS320C28343ZFE Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 170 page
background image
Table 7-1. Typical Current Consumption by Various
Peripherals (1) (continued)
PERIPHERAL
MODULE
IDD CURRENT
REDUCTION (mA)
eCAP
1
SCI
4
SPI
4
eCAN
2
McBSP
8
CPU-Timer
1
XINTF
4(2)
DMA
7
FPU
8
(1)
All peripheral clocks (except CPU timer clocks) are disabled
upon reset. Writing to or reading from peripheral registers is
possible only after the peripheral clocks are turned on.
(2)
Operating the XINTF bus has a significant effect on IDDIO
current. It will increase considerably based on the following:
•
How many address/data pins toggle from one cycle to
another
•
How fast they toggle
•
Whether 16-bit or 32-bit interface is used and
•
The load on these pins.
•
Whether internal pullups are enabled on the XINTF pins.
7.6 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = IOH MAX
2.4
V
IOH = 50 μA
VDDIO – 0.2
VOL
Low-level output voltage
IOL = IOL MAX
0.4
V
IIL
Input current
(low level)
Pin with pullup
enabled
VDDIO = 3.3 V, VIN = 0 V
All I/Os (including XRS)
–190
–100
μA
Pin with pulldown
enabled
VDDIO = 3.3 V, VIN = 0 V
±15
IIH
Input current
(high level)
Pin with pullup
enabled
VDDIO = 3.3 V, VIN = VDDIO
±3
μA
Pin with pulldown
enabled
VDDIO = 3.3 V, VIN = VDDIO
100
175
IOZ
Output current, pullup or pulldown
disabled
VO = VDDIO or 0 V
±15
μA
CI
Input capacitance
2
pF
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com