công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM6421 bảng dữ liệu(PDF) 211 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM6421
Giải thích chi tiết về linh kiện  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM6421 bảng dữ liệu(HTML) 211 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 207Page - Texas Instruments AM6421 Datasheet HTML 208Page - Texas Instruments AM6421 Datasheet HTML 209Page - Texas Instruments AM6421 Datasheet HTML 210Page - Texas Instruments AM6421 Datasheet HTML 211Page - Texas Instruments AM6421 Datasheet HTML 212Page - Texas Instruments AM6421 Datasheet HTML 213Page - Texas Instruments AM6421 Datasheet HTML 214Page - Texas Instruments AM6421 Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 237 page
background image
8.3 Accelerators and Coprocessors
8.3.1 PRU_ICSSG
The ICSS_G module supports the following main features:
• 2 ICSSG, each with 3 PRUs:
• 2 Ethernet MII_G_RT configurable connection to PRUs
– 2 ports RGMII/SGMII
– 2 ports MII
– RX Classifier
• 2 Industrial Ethernet Peripheral (IEP) to manage and generate industrial Ethernet functions
• 1 MDIO
• 1 UART 16550, with a dedicated 192-MHz clock input to support 12-Mbps Profibus
• 2 industrial Ethernet 64-bit timers, each with 10 capture and 16 compare events, along with slow and fast
compensation.
– Supports up to 4 sets of 3-phased motor control, with 12 primary and 12 complimentary programmable
pwm outputs.
– Up to 9 safety events with optional external trip I/O per PWM set with hardware glitch filter.
• 1 Enhanced Capture Module (ECAP)
• 1 interrupt controller (INTC)
– 160 input events supported – 96 external, 64 internal
• Flexible power management support
• Integrated switched central resource with programmable priority
• All memories support ECC
For more information, see Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem -
Gigabit (PRU_ICSSG) section in Processors and Accelerators chapter in the device TRM.
8.4 Other Subsystems
8.4.1 PDMA Controller
The Peripheral DMA is a simple DMA which has been architected to specifically meet the data transfer needs of
peripherals, which perform data transfers using memory mapped registers accessed via a standard non-
coherent bus fabric. The PDMA module is intended to be located close to one or more peripherals which require
an external DMA for data movement and is architected to reduce cost by using VBUSP interfaces and
supporting only statically configured Transfer Request (TR) operations.
The PDMA is only responsible for performing the data movement transactions which interact with the peripherals
themselves. Data which is read from a given peripheral is packed by a PDMA source channel into a PSI-L data
stream which is then sent to a remote peer UDMA-P destination channel which then performs the movement of
the data into memory. Likewise, a remote UDMA-P source channel fetches data from memory and transfers it to
a peer PDMA destination channel over PSI-L which then performs the writes to the peripheral.
The PDMA architecture is intentionally heterogeneous (UDMA-P + PDMA) to right size the data transfer
complexity at each point in the system to match the requirements of whatever is being transferred to or from.
Peripherals are typically FIFO based and do not require multi-dimensional transfers beyond their FIFO
dimensioning requirements, so the PDMA transfer engines are kept simple with only a few dimensions (typically
for sample size and FIFO depth), hardcoded address maps, and simple triggering capabilities.
Multiple source and destination channels are provided within the PDMA which allow multiple simultaneous
transfer operations to be ongoing. The DMA controller maintains state information for each of the channels and
employs round-robin scheduling between channels in order to share the underlying DMA hardware.
There are five PDMA modules in the device.
For more information, see PDMA Controller section in DMA Controllers chapter in the device TRM.
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
211
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com