| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6421 bảng dữ liệu(PDF) 86 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 bảng dữ liệu(HTML) 86 Page - Texas Instruments |
|
86 / 237 page ![]() Table 6-66. PRU_ICSSG1 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALV PRG1_RGMII2_TD2 O PRU_ICSSG RGMII Transmit Data U10 PRG1_RGMII2_TD3 O PRU_ICSSG RGMII Transmit Data AA11 PRG1_UART0_CTSn I PRU-ICSSG UART Clear to Send (active low) U15 PRG1_UART0_RTSn O PRU-ICSSG UART Request to Send (active low) U14 PRG1_UART0_RXD I PRU-ICSSG UART Receive Data V14 PRG1_UART0_TXD O PRU-ICSSG UART Transmit Data W14 6.3.21 DMTIMER 6.3.21.1 MAIN Domain Table 6-67. DMTIMER Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV TIMER_IO0 IO Timer Inputs and Outputs (not tied to single timer instance) C18, K18 TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) B19, K19 TIMER_IO2 IO Timer Inputs and Outputs (not tied to single timer instance) A17, L21 TIMER_IO3 IO Timer Inputs and Outputs (not tied to single timer instance) B17, K21 TIMER_IO4 IO Timer Inputs and Outputs (not tied to single timer instance) C17, L20 TIMER_IO5 IO Timer Inputs and Outputs (not tied to single timer instance) D17, J19 TIMER_IO6 IO Timer Inputs and Outputs (not tied to single timer instance) B16, D19, T1 TIMER_IO7 IO Timer Inputs and Outputs (not tied to single timer instance) A16, C20, U7 TIMER_IO8 IO Timer Inputs and Outputs (not tied to single timer instance) P19, V7 TIMER_IO9 IO Timer Inputs and Outputs (not tied to single timer instance) R21, W7 TIMER_IO10 IO Timer Inputs and Outputs (not tied to single timer instance) C13, U13 TIMER_IO11 IO Timer Inputs and Outputs (not tied to single timer instance) D14, U1 6.3.21.2 MCU Domain Table 6-68. MCU_DMTIMER Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV MCU_TIMER_IO0 IO Timer Inputs and Outputs (not tied to single timer instance) D8 MCU_TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) E8 MCU_TIMER_IO2 IO Timer Inputs and Outputs (not tied to single timer instance) B8 MCU_TIMER_IO3 IO Timer Inputs and Outputs (not tied to single timer instance) B9 AM6442, AM6441, AM6421 AM6412, AM6411 SPRSP56 – JANUARY 2021 www.ti.com 86 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |