công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM6421 bảng dữ liệu(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM6421
Giải thích chi tiết về linh kiện  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM6421 bảng dữ liệu(HTML) 129 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 125Page - Texas Instruments AM6421 Datasheet HTML 126Page - Texas Instruments AM6421 Datasheet HTML 127Page - Texas Instruments AM6421 Datasheet HTML 128Page - Texas Instruments AM6421 Datasheet HTML 129Page - Texas Instruments AM6421 Datasheet HTML 130Page - Texas Instruments AM6421 Datasheet HTML 131Page - Texas Instruments AM6421 Datasheet HTML 132Page - Texas Instruments AM6421 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 237 page
background image
Figure 7-13. Clock Switching Characteristics
7.10.4 Clock Specifications
7.10.4.1 Input Clocks / Oscillators
Various external clock inputs/outputs are needed to drive the device. Summary of these input clock signals is as
follows:
• MCU_OSC0_XO/MCU_OSC0_XI — Еxternal main crystal interface pins connected to internal oscillator
which sources reference clock and provides reference clock to PLLs within MAIN domain.
• General purpose clock inputs
– MCU_EXT_REFCLK0 — optional external. Provides system clock input (MCU domain).
– EXT_REFCLK1 — optional external System clock input (MAIN domain). Optionally PLL2 (PER1) and
MCASP can be sourced by EXT_REFCLK1 (sourced externally).
– SERDES0_REFCLK0P/N — SerDes reference clock input for PCIe or Optional USB3.0 interfaces.
• External CPTS reference clock inputs
– CP_GEMAC_CPTS0_RFT_CLK — CPTS reference clock inputs for CP_GEMAC_CPTS0_RFT_CLK.
– CPTS_RFT_CLK — CPTS reference clock inputs for CPTS_RFT_CLK.
Figure 7-14 shows the external input clock sources and the output clocks to peripherals.
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com