| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6421 bảng dữ liệu(PDF) 103 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 bảng dữ liệu(HTML) 103 Page - Texas Instruments |
|
103 / 237 page ![]() 6.5 Connections for Unused Pins This section describes the Unused/Reserved balls connection requirements. Note All power balls must be supplied with the voltages specified in Section 7.4, Recommended Operating Conditions, unless otherwise specified in Section 6.3, Signal Descriptions. Table 6-78. Unused Balls Specific Connection Requirements BALL NUMBER BALL NAME CONNECTION REQUIREMENTS TBD TBD Each of these balls must be connected to VSS through a separate external pull resistor to ensure these balls are held to a valid logic low level if unused. TBD Each of these balls must be connected to the corresponding power supply through a separate external pull resistor to ensure these balls are held to a valid logic high level, if unused.(1) F7 G6 H7 J6, K7 L6 J8 VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR_C If DDRSS is not used, each of these balls must be connected directly to VSS. www.ti.com AM6442, AM6441, AM6421 AM6412, AM6411 SPRSP56 – JANUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 103 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |