công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFCT-5745TPZ bảng dữ liệu(PDF) 1 Page - Broadcom Corporation.

tên linh kiện AFCT-5745TPZ
Giải thích chi tiết về linh kiện  Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16 with Digital Diagnostic Monitoring (DMI) Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-5745TPZ bảng dữ liệu(HTML) 1 Page - Broadcom Corporation.

  AFCT-5745TPZ Datasheet HTML 1Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 2Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 3Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The AFCT-5745Z are high performance, cost effective
modules for serial optical data communications applica-
tions that range from 125 Mb/s to 2.7 Gb/s. They are de-
signed to provide SONET/SDH compliant connections for
2488 Mb/s at both short and intermediate reach links. All
modules are designed for single mode fiber and operate
at a nominal wavelength of 1300 nm. The transmitter sec-
tion of the AFCT-5745xPZ incorporates a 1300 nm Fabry
Perot (FP) laser. The transmitter in the AFCT-5745xTPZ
uses a Distributed Feedback (DFB) Laser.
For each device the receiver section uses an MOVPE
grown planar SEDET PIN photodetector for low dark
current and excellent responsivity. A positive-ECL logic
interface simplifies interface to external circuitry.
The AFCT-5745Z adds digital diagnostic monitoring to
standard SFP functionality, enabling fault isolation, com-
ponents monitoring and failure prediction capabilities.
The diagnostic features allow the host to observe real
time temperature, supply voltage, laser bias current, laser
average output power and received input average power
through the legacy SFP two wire serial memory interface.
Conventional memory information found in legacy SFPs is
also available in these enhanced transceivers.
Hot-plugging is ensured by design and by 3-stage pin
sequencing at the electrical interface.
Part Number Options
TheAFCT-5745ZSFPfamilyconsistsofthefollowingproducts:
Part
Link
Tempe-
Latch
Number
Distance
rature*
Design
AFCT-5745PZ
2km
Extended
Bail
AFCT-5745APZ 2km
Industrial
Bail
AFCT-5745TPZ 15km
Extended
Bail
AFCT-5745ATPZ 15km
Industrial
Bail
* Extended Temperature Range is -10 to 85 °C
Industrial Temperature Range is -40 to 85 °C
Features
• RoHS-6 Compliant
• Compliant with SFF-8472, internally calibrated diag-
nostic monitoring for optical transceivers
- Transceiver optical output power
- Receiver average optical power
- Laser bias current
- Device temperature
- Supply voltage
• Compliant with SFF-8074i SFP transceiver specifica-
tion
• Compliant with ITU-T G957 STM-16 I-16 (2km) and
S-16.1 (15km)
• Compliant with Telcordia GR253 SR (2km) and
IR-1 (15km)
• Class 1 CDRH/IEC 825 eye safety compliant
• Operating case temperature:
–10 °C to +85 °C
–40 °C to +85 °C
• Multitrate operation from 125 Mb/s to 2.7 Gb/s
• LC duplex fiber connector
• Manufactured in an ISO 9001 compliant facility
Applications
• SONET ADMs (Add/Drop Multiplexers)
• Multi-Service Edge & Aggregation Platforms
• ATM switches and routers
• SONET/SDH switch infrastructure
• xDSL applications
• Metro edge switching
Related Products
• AFCT-5765Z family of OC3 SFP transceivers with DMI
• AFCT-5755Z family of OC12 SFP transceivers with
DMI
AFCT-5745Z
Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16
with Digital Diagnostic Monitoring (DMI) Interface
Part of the Avago METRAK family
Data Sheet


Số phần tương tự - AFCT-5745TPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Broadcom Corporation.
AFCT-5745ANPZ BOARDCOM-AFCT-5745ANPZ Datasheet
196Kb / 4P
Family of Singlemode SFP Transceivers for Long Reach SONET OC-48
AFCT-5745AUPZ BOARDCOM-AFCT-5745AUPZ Datasheet
196Kb / 4P
Family of Singlemode SFP Transceivers for Long Reach SONET OC-48
AFCT-5745NPZ BOARDCOM-AFCT-5745NPZ Datasheet
196Kb / 4P
Family of Singlemode SFP Transceivers for Long Reach SONET OC-48
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5745NPZ AVAGO-AFCT-5745NPZ Datasheet
196Kb / 4P
Family of Singlemode SFP Transceivers for Long Reach SONET OC-48
logo
Broadcom Corporation.
AFCT-5745UPZ BOARDCOM-AFCT-5745UPZ Datasheet
196Kb / 4P
Family of Singlemode SFP Transceivers for Long Reach SONET OC-48
More results

Mô tả tương tự - AFCT-5745TPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Delta Electronics, Inc.
LCP-155A4HDR DELTA-LCP-155A4HDR Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRA DELTA-LCP-155B4JDRA Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
logo
Silicon Laboratories
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5942LZ AVAGO-AFCT-5942LZ Datasheet
574Kb / 18P
Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation (Part of the Avago Technologies??METRAK family)
AFCT-5943LZ AVAGO-AFCT-5943LZ Datasheet
407Kb / 15P
Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation (Part of the Avago Technologies??METRAK family)
logo
Broadcom Corporation.
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com