công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFCT-5745TPZ bảng dữ liệu(PDF) 8 Page - Broadcom Corporation.

tên linh kiện AFCT-5745TPZ
Giải thích chi tiết về linh kiện  Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16 with Digital Diagnostic Monitoring (DMI) Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-5745TPZ bảng dữ liệu(HTML) 8 Page - Broadcom Corporation.

Back Button AFCT-5745TPZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 9Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 10Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 11Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Table 4. EEPROM Serial ID Memory Contents - Address A2h
Notes:
1. Temperature (Temp) is decoded as a 16 bit signed twos compliment integer in increments of 1/256 °C.
2. Supply voltage (VCC) is decoded as a 16 bit unsigned integer in increments of 100 µV.
3. Laser bias current (Tx Bias) is decoded as a 16 bit unsigned integer in increments of 2 µA.
4. Transmitted average optical power (Tx Pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 µW.
5. Received average optical power (Rx Pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 µW.
6. Bytes 55-94 are not intended from use with AFCT-5745Z, but have been set to default values per SFF-8472.
7. Bytes 95 is a checksum calculated (per SFF-8472) and stored prior to product shipment.
8. Byte 127 accepts a write but performs no action (reserved legacy byte).
9. Bytes 128-247 are write enabled (customer writable).
10. Byte 255 bits 2 and 3 control laser margining (per Table 7) when an enabling password is entered into bytes 123-126.
Byte # Decimal
Notes
Byte #
Decimal Notes
Byte #
Decimal Notes
0
Temp H
Alarm MSB1
26
Tx Pwr L Alarm MSB4
104
Real Time Rx PAV MSB5
1
Temp H
Alarm LSB1
27
Tx Pwr L Alarm LSB4
105
Real Time Rx PAV LSB5
2
Temp L
Alarm MSB1
28
Tx Pwr H Warning MSB4
106
Reserved
3
Temp L
Alarm LSB1
29
Tx Pwr H Warning LSB4
107
Reserved
4
Temp H
Warning MSB1
30
Tx Pwr L Warning MSB4
108
Reserved
5
Temp H
Warning LSB1
31
Tx Pwr L Warning LSB4
109
Reserved
6
Temp L
Warning MSB1
32
Rx Pwr H Alarm MSB5
110
Status/Control – see Table 5
7
Temp L
Warning LSB1
33
Rx Pwr H Alarm LSB5
111
Reserved
8
VCC H
Alarm MSB2
34
Rx Pwr L Alarm MSB5
112
Flag Bits – see Table 6
9
VCC H
Alarm LSB2
35
Rx Pwr L Alarm LSB5
113
Flag Bit – see Table 6
10
VCC L
Alarm MSB2
36
Rx Pwr H Warning MSB5
114
Reserved
11
VCC L
Alarm LSB2
37
Rx Pwr H Warning LSB5
115
Reserved
12
VCC H
Warning MSB2
38
Rx Pwr L Warning MSB5
116
Flag Bits - see Table 6
13
VCC H
Warning LSB2
39
Rx Pwr L Warning LSB5
117
Flag Bits - see Table 6
14
VCC L
Warning MSB2
40-55
Reserved
118
Reserved
15
VCC L
Warning LSB2
56-94
External Calibration Constants6 119
Reserved
16
Tx Bias H
Alarm MSB3
95
Checksum for Bytes 0-947
120-122
Reserved
17
Tx Bias H
Alarm LSB3
96
Real Time Temperature MSB1
123
18
Tx Bias L
Alarm MSB3
97
Real Time Temperature LSB1
124
19
Tx Bias L
Alarm LSB3
98
Real Time Vcc MSB2
125
20
Tx Bias H
Warning MSB3
99
Real Time Vcc LSB2
126
21
Tx Bias H
Warning LSB3
100
Real Time Tx Bias MSB3
127
Reserved8
22
Tx Bias L
Warning MSB3
101
Real Time Tx Bias LSB3
128-247
Customer Writable9
23
Tx Bias L
Warning LSB3
102
Real Time Tx Power MSB4
248-254
Vendor Specific
24
Tx Pwr H
Alarm MSB4
103
Real Time Tx Power LSB4
255
25
Tx Pwr H
Alarm LSB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com