công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFCT-5745TPZ bảng dữ liệu(PDF) 9 Page - Broadcom Corporation.

tên linh kiện AFCT-5745TPZ
Giải thích chi tiết về linh kiện  Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16 with Digital Diagnostic Monitoring (DMI) Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-5745TPZ bảng dữ liệu(HTML) 9 Page - Broadcom Corporation.

Back Button AFCT-5745TPZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 9Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 10Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 11Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 12Page - Broadcom Corporation. AFCT-5745TPZ Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Table 5. EEPROM Serial ID Memory Contents - Address A2h, Byte 110
Notes:
1. Bit 6 is logic OR’d with the SFP Tx_Disable input pin 3 ... either asserted will disable the SFP transmitter.
2. AFCT-5745Z does not respond to state changes on Rate Select Input Pin. It is internally hardwired to full bandwidth.
Table 6. EEPROM Serial ID Memory Contents - Address A2h, Bytes 112, 113, 116, 117
Bit #
Status/Control Name
Description
7
Tx Disable State
Digital state of SFP Tx Disable Input Pin (1 = Tx_ Disable asserted)
6
Soft Tx Disable
Read/write bit for changing digital state of SFP Tx_Disable function Note 1)
5
Reserved
4
Rx Rate Select State
Digital state of SFP Rate Select Input Pin (1 = full bandwidth of 2.488 Gbit) (Note 2)
3
Reserved
2
Tx Fault State
Digital state of The SFP Tx Fault Output Pin (1 = Tx Fault asserted)
1
Rx LOS State
Digital state of The SFP LOS Output Pin (1 = LOS asserted)
0
Data Ready (Bar)
Indicates Transceiver is powered and Real Time sense data is Ready (0 = Ready)
Byte
Bit #
Flag
Bit Name Description
112
7
Temp High
Alarm Set when transceiver nternal temperature exceeds high alarm threshold.
6
Temp Low
Alarm Set when transceiver internal temperature exceeds alarm threshold.
5
VCC High
Alarm Set when transceiver internal supply voltage exceeds high alarm threshold.
4
VCC Low
Alarm Set when transceiver internal supply voltage exceeds low alarm threshold.
3
Tx Bias High
Alarm Set when transceiver laser bias current exceeds high alarm threshold.
2
Tx Bias Low
Alarm Set when transceiver laser bias current exceeds low alarm threshold.
1
Tx Power High
Alarm Set when transmitted average optical power exceeds high alarm threshold.
0
Tx Power Low
Alarm Set when transmitted average optical power exceeds low alarm threshold.
113
7
Rx Power High
Alarm Set when received P_Avg optical power exceeds high alarm threshold.
6
Rx Power Low
Alarm Set when received P_Avg optical power exceeds low alarm threshold.
0-5
Reserved
116
7
Temp High
Warning Set when transceiver internal temperature exceeds high warning threshold.
6
Temp Low
Warning Set when transceiver internal temperature exceeds low warning threshold.
5
VCC High
Warning Set when transceiver internal supply voltage exceeds high warning threshold.
4
VCC Low
Warning Set when transceiver internal supply voltage exceeds low warning threshold.
3
Tx Bias High
Warning Set when transceiver laser bias current exceeds high warning threshold.
2
Tx Bias Low
Warning Set when transceiver laser bias current exceeds low warning threshold.
1
Tx Power High
Warning Set when transmitted average optical power exceeds high warning threshold.
0
Tx Power Low
Warning Set when transmitted average optical power exceeds low warning threshold.
117
7
Rx Power High
Warning Set when received P_Avg optical power exceeds high warning threshold.
9
Rx Power Low
Warning Set when received P_Avg optical power exceeds low warning threshold.
0-5
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com