| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCT3PTR bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCT3PTR bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 340 page ![]() DS12737 Rev 6 65/340 STM32L552xx Functional overview 78 The DFSDM peripheral supports: • Up to 4 multiplexed input digital serial channels: – Configurable SPI interface to connect various Σ∆ modulators – Configurable Manchester coded 1 wire interface support – Clock output for Σ∆ modulator(s) • Alternative inputs from up to 4 internal digital parallel channels: – Inputs with up to 16 bit resolution – Internal sources: ADCs data or memory (CPU/DMA write) data streams • Adjustable digital signal processing: – Sincx filter: filter order/type (1..5), oversampling ratio (up to 1..1024) – Integrator: oversampling ratio (1..256) • Up to 24-bit output data resolution: – Right bit-shifter on final data (0..31 bits) • Signed output data format • Automatic data offset correction (offset stored in register by user) • Continuous or single conversion • Start-of-conversion synchronization with: – Software trigger – Internal timers – External events – Start-of-conversion synchronously with first DFSDM filter (DFSDM_FLT0) • Analog watchdog feature: – Low value and high value data threshold registers – Own configurable Sincx digital filter (order = 1..3, oversampling ratio = 1..32) – Input from output data register or from one or more input digital serial channels – Continuous monitoring independently from standard conversion • Short-circuit detector to detect saturated analog input values (bottom and top ranges): – Up to 8-bit counter to detect 1..256 consecutive 0’s or 1’s on input data stream – Mnitoring continuously each channel (4 serial channel transceiver outputs) • Break generation on analog watchdog event or short-circuit detector event • Extremes detector: – Store minimum and maximum values of output data values – Refreshed by software • DMA may be used to read the conversion data • Interrupts: end of conversion, overrun, analog watchdog, short-circuit, channel clock absence • “Regular” or “injected” conversions: – “Regular” conversions can be requested at any time or even in continuous mode without having any impact on the timing of “injected” conversions. |