| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8SF3P6TR bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
8SF3P6TR bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 103 page ![]() DS7147 Rev 10 29/103 STM8S003F3 STM8S003K3 Pinouts and pin descriptions 29 5.3 Alternate function remapping As shown in the rightmost column of the pin description table, some alternate functions can be remapped at different I/O ports by programming one of eight AFR (alternate function remap) option bits. Refer to Section 8: Option bytes. When the remapping option is active, the default alternate function is no longer available. To use an alternate function, the corresponding peripheral must be enabled in the peripheral registers. Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the GPIO section of the family reference manual, RM0016). |