| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8SF3P6TR bảng dữ liệu(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
8SF3P6TR bảng dữ liệu(HTML) 45 Page - STMicroelectronics |
|
45 / 103 page ![]() DS7147 Rev 10 45/103 STM8S003F3 STM8S003K3 Option bytes 45 Table 15. STM8S003F3 alternate function remapping bits for 20-pin devices Option byte number Description OPT2 AFR7Alternate function remapping option 7 0: AFR7 remapping option inactive: default alternate function(1) 1: Port C3 alternate function = TIM1_CH1N; port C4 alternate function = TIM1_CH2N. AFR6 Alternate function remapping option 6 Reserved. AFR5 Alternate function remapping option 5 Reserved. AFR4 Alternate function remapping option 4 0: AFR4 remapping option inactive: default alternate function(1). 1: Port B4 alternate function = ADC_ETR; port B5 alternate function = TIM1_BKIN. AFR3 Alternate function remapping option 3 0: AFR3 remapping option inactive: default alternate function(1) 1: Port C3 alternate function = TLI. AFR2 Alternate function remapping option 2 Reserved. AFR1 Alternate function remapping option 1 (2) 0: AFR1 remapping option inactive: default alternate function(1) 1: Port A3 alternate function = SPI_NSS; port D2 alternate function = TIM2_CH3. AFR0 Alternate function remapping option 0(2) 0: AFR0 remapping option inactive: Default alternate functions(1) 1: Port C5 alternate function = TIM2_CH1; port C6 alternate function = TIM1_CH1; port C7 alternate function = TIM1_CH2. 1. Refer to the pinout description. 2. Do not use more than one remapping option in the same port. It is forbidden to enable both AFR1 and AFR0. |